Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GRF5518W Datasheet (PDF) - Guerrilla RF, Inc.

Part # GRF5518W
Description  HIGH LINEARITY POWER AMPLIFIER 1.8 to 1.91 GHz
File Size   5962.07 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.

GRF5518W Datasheet (PDF) - Guerrilla RF, Inc.



Similar Part No. - GRF5518W

ManufacturerPart #DatasheetDescription
logo
Guerrilla RF, Inc.
GRF5518 GUERRILLA-GRF5518 Datasheet
1Mb / 13P
High Linearity Power Amplifier Tuning Range: 1.7 to 1.8 GHz
More results


Similar Description - GRF5518W

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BMT333 BEREX-BMT333 Datasheet
1Mb / 20P
1.8-2.7 GHz 2W High Linearity 5V 2-Stage Power Amplifier
BMT333 BEREX-BMT333_18 Datasheet
1Mb / 20P
1.8-2.7 GHz 2W High Linearity 5V 2-Stage Power Amplifier
logo
Guerrilla RF, Inc.
GRF5517 GUERRILLA-GRF5517 Datasheet
1Mb / 13P
High Linearity Power Amplifier Tuning Range: 1.7 to 1.8 GHz
logo
Analog Devices
ADRF5345 AD-ADRF5345 Datasheet
1Mb / 11P
High Linearity, Silicon SP4T Switch, 1.8 GHz to 3.8 GHz
12/2021-Revision 0
logo
Guerrilla RF, Inc.
GRF5507W GUERRILLA-GRF5507W Datasheet
4Mb / 26P
HIGH LINEARITY POWER AMPLIFIER 0.7 to 0.8 GHz
October 31, 2022
GRF5517W GUERRILLA-GRF5517W Datasheet
5Mb / 27P
HIGH LINEARITY POWER AMPLIFIER 1.7 to 1.8 GHz
January 24, 2023
GRF5526W GUERRILLA-GRF5526W Datasheet
1Mb / 19P
HIGH LINEARITY POWER AMPLIFIER 2.5 to 2.7 GHz
January 27, 2023
GRF5536 GUERRILLA-GRF5536 Datasheet
1Mb / 19P
HIGH LINEARITY POWER AMPLIFIER 3.3 to 4.2 GHz
February 28, 2023
GRF5536W GUERRILLA-GRF5536W Datasheet
1Mb / 19P
HIGH LINEARITY POWER AMPLIFIER 3.3 to 4.2 GHz
February 28, 2023
logo
Analog Devices
ADRF5347 AD-ADRF5347 Datasheet
1Mb / 15P
High Linearity, Silicon SP4T Switch, 1.8 GHz to 3.8 GHz
Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com