| Manufacturer | Part # | Datasheet | Description |
 Schneider Electric |
ATS48C14Y
|
145Kb / 5P |
soft starter for asynchronous motor - ATS48 - 124 A - 208..690 V - 30..110 KW
Aug 9, 2019 |
|
ATS480C11Y
|
403Kb / 9P |
Altivar Soft Starter ATS480, 110 A, 208...690V AC, control supply 110...230V AC
Apr 24, 2022 |
|
ATS480C14Y
|
398Kb / 9P |
Altivar Soft Starter ATS480, 140 A, 208...690V AC, control supply 110...230V AC
May 1, 2022 |
|
ATS480D17Y
|
403Kb / 9P |
Altivar Soft Starter ATS480, 17 A, 208...690V AC, control supply 110...230V AC
Apr 24, 2022 |
|
ATS480D22Y
|
404Kb / 9P |
Altivar Soft Starter ATS480, 22 A, 208...690V AC, control supply 110...230V AC
Apr 30, 2022 |
|
ATS480D32Y
|
403Kb / 9P |
Altivar Soft Starter ATS480, 32 A, 208...690V AC, control supply 110...230V AC
Apr 24, 2022 |
|
ATS480D38Y
|
403Kb / 9P |
Altivar Soft Starter ATS480, 38 A, 208...690V AC, control supply 110...230V AC
Apr 24, 2022 |
|
ATS480D47Y
|
403Kb / 9P |
Altivar Soft Starter ATS480, 47 A, 208...690V AC, control supply 110...230V AC
Apr 24, 2022 |
|
ATS480D62Y
|
403Kb / 9P |
Altivar Soft Starter ATS480, 62 A, 208...690V AC, control supply 110...230V AC
Apr 25, 2022 |
|
ATS480D75Y
|
404Kb / 9P |
Altivar Soft Starter ATS480, 75 A, 208...690V AC, control supply 110...230V AC
May 2, 2022 |