Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

167622 Datasheet (PDF) - Eaton All Rights Reserved.

Part # 167622
Description  Surge Protection
File Size   1122.43 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

167622 Datasheet (PDF) - Eaton All Rights Reserved.



Similar Part No. - 167622

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1676247-3 TEC-1676247-3 Datasheet
2Mb / 5P
PCB D-Sub Connectors, Plug, Board-to-Board, 50 Position, 2J-I mm [.109 in] Centerline, 3 Row, 5 Connector Shell Size, Square,
08/03/2024 12:27AM
logo
List of Unclassifed Man...
1676257-2 ETC2-1676257-2 Datasheet
271Kb / 5P
High precision - TCR 5ppm/째C and 10ppm/째C
1676293-1 ETC2-1676293-1 Datasheet
271Kb / 5P
Tolerance down to 0.01%
More results


Similar Description - 167622

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
FS-LB-I PF-FS-LB-I Datasheet
642Kb / 4P
Surge Protection Barrier
P-LB-1.A.13 PF-P-LB-1.A.13 Datasheet
799Kb / 4P
Surge Protection Barrier
P-LB-1.B.12 PF-P-LB-1.B.12 Datasheet
803Kb / 4P
Surge Protection Barrier
P-LB-1.C.123 PF-P-LB-1.C.123 Datasheet
812Kb / 4P
Surge Protection Barrier
P-LB-1.D.1234 PF-P-LB-1.D.1234 Datasheet
816Kb / 4P
Surge Protection Barrier
P-LB-2.D.123456 PF-P-LB-2.D.123456 Datasheet
826Kb / 4P
Surge Protection Barrier
K-LB-1.30 PF-K-LB-1.30 Datasheet
666Kb / 4P
Surge Protection Barrier
2022-01-12
K-LB-1.6G PF-K-LB-1.6G Datasheet
667Kb / 4P
Surge Protection Barrier
2022-01-12
K-LB-2.6 PF-K-LB-2.6 Datasheet
669Kb / 4P
Surge Protection Barrier
2022-01-12
M-LB-1.275.D PF-M-LB-1.275.D Datasheet
384Kb / 3P
Surge Protection Barrier
2022-01-13
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com