Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TZ0854A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ0854A
Description  Crystal Unit SMD 3.2x2.5 13.56MHz
File Size   301.14 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TZ0854A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TZ0854A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0851A TAI-SAW-TZ0851A Datasheet
246Kb / 3P
HC49-SMD 25.000MHz Crystal Resonator
REV. NO.: 1.0
TZ0852A TAI-SAW-TZ0852A Datasheet
246Kb / 3P
HC49-SMD 30.000MHz Crystal Resonator
REV. NO.: 1.0
TZ0853A TAI-SAW-TZ0853A Datasheet
248Kb / 7P
Crystal Unit 8.0x3.8 32.768KHz
REV. NO.: 1.0
TZ0855A TAI-SAW-TZ0855A Datasheet
189Kb / 5P
SMD 5.0x3.2 10.368MHz Crystal Unit
REV. NO.: 1
TZ0856A TAI-SAW-TZ0856A Datasheet
190Kb / 5P
SMD 5.0x3.2 80MHz Crystal Unit
REV. NO.: 1
More results


Similar Description - TZ0854A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0178A TAI-SAW-TZ0178A Datasheet
203Kb / 5P
SMD 6.0x3.5 13.56MHz Crystal Unit
REV. NO.: 1
TZ0443A TAI-SAW-TZ0443A Datasheet
182Kb / 5P
SMD 5.0x3.2 13.56MHz Crystal Unit
REV. NO.: 3
TZ0658A TAI-SAW-TZ0658A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 13.56MHz
REV. NO.: 3
TZ0775A TAI-SAW-TZ0775A Datasheet
195Kb / 5P
SMD 4.0x2.5 13.56MHz Crystal Unit
REV. NO.: 1
TZ0869A TAI-SAW-TZ0869A Datasheet
191Kb / 5P
SMD 5.0x3.2 13.56MHz Crystal Unit
REV. NO.: 1
TZ0872A TAI-SAW-TZ0872A Datasheet
218Kb / 5P
SMD 4x2.5 13.56MHz Crystal Unit
REV. NO.: 1
TZ1025A TAI-SAW-TZ1025A Datasheet
299Kb / 7P
Crystal Unit SMD 3.2x2.5 13.56MHz
REV. NO.: 2
TZ1155A TAI-SAW-TZ1155A Datasheet
300Kb / 7P
Crystal Unit SMD 3.2x2.5 13.56MHz
REV. NO.: 2
TZ1174A TAI-SAW-TZ1174A Datasheet
300Kb / 7P
Crystal Unit SMD 3.2x2.5 13.56MHz
REV. NO.: 2
TZ1336A TAI-SAW-TZ1336A Datasheet
268Kb / 5P
SMD 4x2.5 13.56MHz Crystal Unit
REV. NO.: 1
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com