| Manufacturer | Part # | Datasheet | Description |
 WOLFSPEED, INC. |
C4D02120A
|
1Mb / 9P |
4th Generation 1200 V, 2 A Silicon Carbide Schottky Diode
Rev. 6, March 2023 |
|
C4D08120A
|
1Mb / 9P |
4th Generation 1200 V, 8 A Silicon Carbide Schottky Diode
Rev. 4, March 2023 |
|
C4D10120A
|
1Mb / 9P |
4th Generation 1200 V, 10 A Silicon Carbide Schottky Diode
Rev. 5, March 2023 |
|
C4D10120H
|
669Kb / 9P |
4th Generation 1200 V, 10 A Silicon Carbide Schottky Diode
Rev. 2, January 2023 |
|
C4D15120A
|
1Mb / 9P |
4th Generation 1200 V, 15 A Silicon Carbide Schottky Diode
Rev. 5, March 2023 |
|
C4D15120H
|
558Kb / 9P |
4th Generation 1200 V, 15 A Silicon Carbide Schottky Diode
Rev. 2, January 2023 |
|
C4D20120A
|
1Mb / 9P |
4th Generation 1200 V, 20 A Silicon Carbide Schottky Diode
Rev. 6, March 2023 |
|
C4D20120H
|
485Kb / 9P |
4th Generation 1200 V, 20 A Silicon Carbide Schottky Diode
Rev. 2, November 2022 |
|
C4D30120H
|
757Kb / 8P |
4th Generation 1200 V, 30 A Silicon Carbide Schottky Diode
Rev. 1, January 2023 |
|
E4D02120E
|
715Kb / 6P |
4th Generation 1200 V, 2 A Silicon Carbide Schottky Diode
Rev. 0, OCTOBER 2021 |