| Manufacturer | Part # | Datasheet | Description |
 Cree, Inc |
WAS300M12BM2
|
1Mb / 9P |
1.2kV, 4.2 mohm All-Silicon Carbide THB-80 Half-Bridge Module
|
|
CAB450M12XM3
|
893Kb / 9P |
1200V, 450A All-Silicon Carbide Conduction Optimized, Half-Bridge Module
|
|
CAB400M12XM3
|
801Kb / 9P |
1200 V, 400 A All-Silicon Carbide Switching-Loss Optimized, Half-Bridge Module
|
 WOLFSPEED, INC. |
CAB400M12XM3
|
801Kb / 9P |
1200 V, 400 A All-Silicon Carbide Switching-Loss Optimized, Half-Bridge Module
Rev. -, 2019-10-31 |
|
CAB425M12XM3
|
774Kb / 9P |
1200 V, 425 A All-Silicon Carbide Switching-Optimized, Half-Bridge Module
Rev. -, 2020-01-28 |
|
CAB450M12XM3
|
892Kb / 9P |
1200V, 450A All-Silicon Carbide Conduction Optimized, Half-Bridge Module
Rev. A, 2019-06-01 |
|
CAB530M12BM3
|
1Mb / 11P |
1200 V, 530 A All-Silicon Carbide Half-Bridge Module
Rev. 0, 2021-03-02 |
|
CAS300M12BM2
|
776Kb / 11P |
1200 V, 300 A All-Silicon Carbide High Performance, Switching Optimized, Half-Bridge Module
Rev. 2, 2021-02-08 |
|
EAB450M12XM3
|
1Mb / 11P |
Automotive Qualified 1200 V, 450 A All-Silicon Carbide Conduction-Optimized, Half-Bridge Module
Rev. A 2020-10-07 |
|
WAB300M12BM3
|
1Mb / 12P |
1200 V, 300 A All-Silicon Carbide THB-80 Qualified, Switching Optimized, Half-Bridge Module
Rev. A 2020-05-20 |