| Manufacturer | Part # | Datasheet | Description |
 Cree, Inc |
CGH27030F
|
791Kb / 8P |
30 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
Rev 1.0 |
|
CGH27060F
|
824Kb / 8P |
60 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
Rev 1.0 |
|
CGH35015F
|
773Kb / 9P |
15 W, 3300-3900 MHz, 28V, GaN HEMT for WiMAX
Rev 1.6 |
|
CGH35030F
|
760Kb / 8P |
30 W, 3300-3900 MHz, 28V, GaN HEMT for WiMAX
Rev 1.4 |
|
CGH35015
|
1,011Kb / 12P |
15 W, 3300-3900 MHz, 28V, GaN HEMT for WiMAX
Rev 4.0 |
|
CGH35030F
|
1Mb / 12P |
30 W, 3300-3900 MHz, 28V, GaN HEMT for WiMAX
Rev 4.0 |
|
CGH35060F1
|
2Mb / 12P |
60 W, 3.3-3.6 GHz, 28V, GaN HEMT for WiMAX, Broadband Wireless Access
Rev 3.1 |
|
CGH55030F1
|
914Kb / 13P |
30 W, 5500-5800 MHz, 28V, GaN HEMT for WiMAX
Rev 4.0 |
 WOLFSPEED, INC. |
CGH35015
|
2Mb / 12P |
15 W, 3.3-3.9 GHz, 28V, GaN HEMT for WiMAX
Rev. 4.2, 2022-10-28 |
|
CGH55030F1-P1
|
1Mb / 13P |
30 W, 5500-5800 MHz, 28V, GaN HEMT for WiMAX
Rev. 4.2, 2022-12-13 |