| Manufacturer | Part # | Datasheet | Description |
 WOLFSPEED, INC. |
CMPA0560008S
|
859Kb / 17P |
0.5 – 6 GHz, 10 W GaN HPA
Rev. 0.1 May 2023 |
|
CMPA0760020F
|
807Kb / 17P |
0.7 – 6.0 GHz, 25 W GaN MMIC HPA
Rev. 0.0 October 2022 |
|
CMPA1842040B
|
829Kb / 20P |
1.8 – 4.2 GHz, 45 W GaN HPA
Rev. 0.1 October 2022 |
|
CMPA1842040F
|
808Kb / 18P |
1.8 – 4.2 GHz, 45 W GaN HPA
Rev. 0.0 October 2022 |
|
CMPA1D1J001S
|
912Kb / 18P |
12.7 – 18 GHz, 1 W GaN HPA
Rev. 0.0 February 2023 |
|
CMPA1H1J050F
|
1Mb / 18P |
17.3 – 18.4 GHz, 60 W GaN HPA
Rev. 1.0 February 2023 |
|
CMPA5259050D1
|
780Kb / 20P |
5.0 – 5.9 GHz* , 60 W GaN HPA
Rev. 0.0 October 2022 |
|
CMPA601C025D
|
2Mb / 20P |
6 - 12 GHz, 40 W GaN HPA
Rev. 3.0, December2021 |
|
CMPA601J025F
|
710Kb / 12P |
6 – 18 GHz, 25 W GaN HPA
Rev. 0.0 November 2022 |
|
CMPA801B030D1
|
2Mb / 20P |
9 - 11 GHz, 40 W GaN HPA
Rev. 1.0, December 2021 |