| Manufacturer | Part # | Datasheet | Description |
 Cree, Inc |
CGHV1F006S
|
5Mb / 22P |
6 W, DC - 18 GHz, 40V, GaN HEMT
Rev 2.2 |
|
CGHV1F025S
|
972Kb / 9P |
25 W, DC - 15 GHz, 40V, GaN HEMT
Rev 0.2 |
|
CGHV27015S
|
1Mb / 12P |
15 W, DC - 6.0 GHz, 50 V, GaN HEMT
Rev 2.0 |
|
CGHV40030
|
1Mb / 11P |
30 W, DC - 6 GHz, 50V, GaN HEMT
Rev 1.0 |
|
CG2H40010
|
2Mb / 14P |
10 W, DC - 6 GHz, RF Power GaN HEMT
|
 WOLFSPEED, INC. |
CG2H40035
|
2Mb / 21P |
35 W, DC - 6 GHz, RF Power GaN HEMT
Rev. 1.0, 2022-7-7 |
|
CGH60015D
|
980Kb / 9P |
15 W, 6.0 GHz, GaN HEMT Die
Rev. 4.2, 2022-12-1 |
|
CGHV1F025S
|
2Mb / 11P |
25 W, DC - 15 GHz, 40 V, GaN HEMT
Rev. 4.7, 2022-12-2 |
|
CGHV27015S
|
1Mb / 12P |
15 W, DC - 6.0 GHz, 50 V, GaN HEMT
Rev. 4.0, 2022-8-3 |
|
CGHV40030
|
3Mb / 15P |
30 W, DC - 6 GHz, 50 V, GaN HEMT
Rev. 1.6, 2022-12-13 |