| Manufacturer | Part # | Datasheet | Description |
 Cree, Inc |
CGHV27015S
|
1Mb / 12P |
15 W, DC - 6.0 GHz, 50 V, GaN HEMT
Rev 2.0 |
|
CGHV40050F
|
866Kb / 11P |
50 W, DC - 4.0 GHz, 50 V, GaN HEMT
Rev 1.0 |
|
CGHV40100
|
1Mb / 11P |
100 W, DC - 4.0 GHz, 50 V, GaN HEMT
Rev 3.0 |
|
CGHV40050
|
2Mb / 11P |
50 W, DC - 4.0 GHz, 50 V, GaN HEMT
|
|
CGHV40200PP
|
713Kb / 13P |
200 W, 50 V, GaN HEMT
|
|
CMPA0527005F
|
1,011Kb / 12P |
5 W, 0.5 - 2.7 GHz, 50 V, GaN HEMT
|
 WOLFSPEED, INC. |
CGHV27015S
|
1Mb / 12P |
15 W, DC - 6.0 GHz, 50 V, GaN HEMT
Rev. 4.0, 2022-8-3 |
|
CGHV40030
|
3Mb / 15P |
30 W, DC - 6 GHz, 50 V, GaN HEMT
Rev. 1.6, 2022-12-13 |
|
CGHV40050
|
2Mb / 11P |
50 W, DC - 4.0 GHz, 50 V, GaN HEMT
Rev. 2.4, 2022-12-2 |
|
CGHV40100
|
2Mb / 16P |
100 W, DC - 3.0 GHz, 50 V, GaN HEMT
Rev. 3.7, 2022-12-13 |