| Manufacturer | Part # | Datasheet | Description |
 Cree, Inc |
CGHV96050F2
|
1Mb / 13P |
50 W, 7.9 - 9.6 GHz, 50-ohm, Input/Output Matched GaN HEMT
|
 WOLFSPEED, INC. |
CGH31240F
|
2Mb / 12P |
240 W, 2.7-3.1 GHz, 50-ohm Input/Output Matched, GaN HEMT for S-Band Radar Systems
Rev. 2.2, 2022-11-11 |
|
CGH35240
|
1Mb / 12P |
240 W, 3.1-3.5 GHz, 50-ohm Input/Output Matched, GaN HEMT for S-Band Radar Systems
Rev. 4.0, 2022-6-28 |
|
CGHV31500F
|
808Kb / 11P |
500 W, 2.7 - 3.1 GHz, 50-Ohm Input/Output Matched, GaN HEMT for S-Band Radar Systems
Rev 3.2 - April 2020 |
|
CGHV35400F
|
928Kb / 11P |
400 W, 2.9 - 3.5 GHz, 50-Ohm Input/Output Matched, GaN HEMT for S-Band Radar Systems
Rev 5.2 - February 2021 |
|
CGHV59350
|
3Mb / 14P |
350 W, 5.2 - 5.9 GHz, 50-Ohm Input/Output Matched, GaN HEMT for C-Band Radar Systems
Rev. 1.6, 2023-05-24 |
|
CGHV96050F1
|
1Mb / 13P |
50 W, 7.9 - 9.6 GHz, 50-ohm, Input/Output Matched GaN HEMT
Rev. 2.3, 2022-12-13 |
|
CGHV96050F2
|
1Mb / 13P |
50 W, 7.9 - 9.6 GHz, 50-ohm, Input/Output Matched GaN HEMT
Rev. 3.5, 2022-12-13 |
|
CGHV96100F2
|
1Mb / 13P |
100 W, 8.4 - 9.6 GHz, 50-ohm, Input/Output Matched GaN HEMT
Rev. 3.2, 2022-12-8 |
|
CGHV96130F
|
1Mb / 13P |
130 W, 8.4 - 9.6 GHz, 50-ohm, Input/Output Matched GaN HEMT
Rev. 2.0, 2022-8-25 |