| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
74LVT_LVTH244A
|
107Kb / 15P |
3.3 V octal buffer/line driver; 3-state
Rev. 04-3 September 2008 |
|
74LVT2241
|
61Kb / 5P |
3.3V Octal buffer/line driver with 30 series termination resistors; 3-State
1996 May 29 |
 Nexperia B.V. All right... |
74LVT162244B
|
214Kb / 11P |
3.3 V 16-bit buffer/driver with 30 Ω termination resistors; 3-state
Rev. 5 - 6 August 2021 |
|
74LVT162245B
|
223Kb / 11P |
3.3 V 16-bit transceiver with 30 Ω termination resistors; 3-state
Rev. 4 - 6 August 2021 |
|
74LVTH2245
|
237Kb / 12P |
3.3 V octal transceiver with 30 Ω termination resistors; 3-state
Rev. 7 - 17 August 2021 |
|
74LVT162240A
|
191Kb / 14P |
3.3 V 16-bit inverting buffer/driver with 30 Ω termination resistors; 3-state
Rev. 4 - 4 June 2018 |
|
74LVT2241
|
235Kb / 13P |
3.3 V octal buffer/line driver with 30 Ω series termination resistors; 3-state
Rev. 3 - 17 February 2021 |
|
74ALVT162827
|
199Kb / 14P |
20-bit buffer/line driver; non-inverting; with 30 Ω termination resistors; 3-state
Rev. 3 - 24 January 2018 |
|
74ABT162244
|
212Kb / 11P |
16-bit buffer/line driver with 30 Ω series termination resistors; 3-state
Rev. 7 - 2 July 2021 |
|
74ALVCH162827
|
191Kb / 14P |
20-bit buffer/line driver; non-inverting; with 30 Ω termination resistors; 3-state
Rev. 2 - 19 January 2018 |