Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OX-E Datasheet (PDF) - Transko Electronics, Inc.

Part # OX-E
Description  OCXO 36.1 X 27.2 X 13mm “EURO” PACKAGE
File Size   425.52 Kbytes
Html View  1   2 
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

OX-E Datasheet (PDF) - Transko Electronics, Inc.



Similar Part No. - OX-E

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
OX-029 VECTRON-OX-029 Datasheet
96Kb / 3P
Log fit IAW MIL-PRF-55310, Log projection
OX-029-0005-10M23000 VECTRON-OX-029-0005-10M23000 Datasheet
96Kb / 3P
Log fit IAW MIL-PRF-55310, Log projection
OX-0410-AAD-108 VECTRON-OX-0410-AAD-108 Datasheet
340Kb / 5P
Oven Controlled Crystal Oscillator
OX-0410-AAE-108 VECTRON-OX-0410-AAE-108 Datasheet
340Kb / 5P
Oven Controlled Crystal Oscillator
OX-0410-AAJ-108 VECTRON-OX-0410-AAJ-108 Datasheet
340Kb / 5P
Oven Controlled Crystal Oscillator
More results


Similar Description - OX-E

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FTE5-AS FOX-FTE5-AS Datasheet
173Kb / 1P
EURO Package Precision OCXO
FTE5-AH FOX-FTE5-AH Datasheet
154Kb / 1P
EURO Package Precision OCXO
logo
Advanced Crystal Techno...
OX610 ACT-OX610 Datasheet
251Kb / 3P
Eurocase OCXO, Sine wave, HCMOS, 36.1 x 27.2 x 16.0mm
01/06/2017
OX640 ACT-OX640 Datasheet
233Kb / 3P
Ultra low noise OCXO, Sine wave, 36.1 x 27.1 x 14.0 mm
01/06/2017
OX660 ACT-OX660 Datasheet
297Kb / 3P
OCXO, Sine wave, HCMOS, LVTTL, 36.2 x 27.2 x 13.0mm
01/06/2017
OX665 ACT-OX665 Datasheet
298Kb / 3P
OCXO, Sine wave, HCMOS, LVTTL, 36.2 x 27.2 x 13.0mm
01/06/2017
logo
Transko Electronics, In...
OCXO-1446 TRANSKO-OCXO-1446 Datasheet
350Kb / 1P
OCXO 50 X 50 X 19mm PACKAGE
Rev. 2: May. 2015
OX-D TRANSKO-OX-D Datasheet
381Kb / 2P
OCXO 50 X 50 X 19mm PACKAGE
Rev. 2: Mar. 2015
OX-G TRANSKO-OX-G Datasheet
744Kb / 1P
OCXO - 14.3 X 9.3 X 6.5mm PACKAGE
Ver. 1: Mar. 2015
OX-S TRANSKO-OX-S Datasheet
463Kb / 2P
OCXO 25.4 X 22 X 13mm PACKAGE
Rev. 2: Mar. 2015
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com