| Manufacturer | Part # | Datasheet | Description |
 Nexperia B.V. All right... |
PSMN1R3-30YL
|
724Kb / 14P |
N-channel 30 V 1.3 mΩ logic level MOSFET in LFPAK
Rev. 02 - 25 June 2009 |
|
PSMN1R7-30YL
|
913Kb / 15P |
N-channel 30 V 1.7 mΩ logic level MOSFET in LFPAK
Rev. 1 - 30 May 2011 |
|
PSMN2R0-30YL
|
828Kb / 14P |
N-channel 30 V 2 mΩ logic level MOSFET in LFPAK
Rev. 4 - 10 March 2011 |
|
PSMN2R5-30YL
|
985Kb / 14P |
N-channel 30 V 2.4 mΩ logic level MOSFET in LFPAK
Rev. 04 - 10 March 2011 |
|
PSMN3R0-30YL
|
828Kb / 15P |
N-channel 30 V 3 mΩ logic level MOSFET in LFPAK
Rev. 04 - 10 March 2011 |
|
PSMN3R5-30YL
|
334Kb / 13P |
N-channel 30 V 3.5 mΩ logic level MOSFET in LFPAK
3 August 2018 |
|
PSMN4R0-30YL
|
824Kb / 14P |
N-channel 30 V 4 mΩ logic level MOSFET in LFPAK
Rev. 04 - 10 March 2011 |
|
PSMN5R0-30YL
|
822Kb / 14P |
N-channel 30 V 5 mΩ logic level MOSFET in LFPAK
Rev. 4 - 9 March 2011 |
|
PSMN7R0-30YL
|
979Kb / 14P |
N-channel 30 V 7 mΩ logic level MOSFET in LFPAK
Rev. 04 - 9 March 2011 |
|
PSMN9R0-30YL
|
509Kb / 15P |
N-channel 30 V 8 mΩ logic level MOSFET in LFPAK
Rev. 04 - 9 March 2011 |