Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPG2422TK Datasheet (PDF) - Renesas Technology Corp

Part # UPG2422TK
Description  GaAs Integrated Circuit SPDT Switch for 0.05 GHz to 6.0 GHz
File Size   275.46 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPG2422TK Datasheet (PDF) - Renesas Technology Corp



Similar Part No. - UPG2422TK

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPG2422TK CEL-UPG2422TK Datasheet
770Kb / 16P
GaAs Integrated Circuit SPDT Switch for 0.05 GHz to 6.0 GHz
UPG2422TK-E2 CEL-UPG2422TK-E2 Datasheet
770Kb / 16P
GaAs Integrated Circuit SPDT Switch for 0.05 GHz to 6.0 GHz
UPG2422TK-E2-A CEL-UPG2422TK-E2-A Datasheet
770Kb / 16P
GaAs Integrated Circuit SPDT Switch for 0.05 GHz to 6.0 GHz
UPG2422TK CEL-UPG2422TK_09 Datasheet
770Kb / 16P
SPDT Switch for 0.05 GHz to 6.0 GHz
More results


Similar Description - UPG2422TK

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-485 MA-COM-SW-485 Datasheet
116Kb / 3P
GaAs SPDT Switch 0.05 - 3.0 GHz
logo
California Eastern Labs
UPG2415T6X CEL-UPG2415T6X Datasheet
434Kb / 10P
0.05 to 6.0 GHz SPDT SWITCH
logo
Renesas Technology Corp
UPG2185T6R RENESAS-UPG2185T6R Datasheet
122Kb / 11P
GaAs Integrated Circuit SPDT Switch for 2 GHz to 6 GHz
UPG2411T6R RENESAS-UPG2411T6R Datasheet
232Kb / 14P
GaAs Integrated Circuit SPDT Switch for 1 GHz to 8 GHz
UPG2411T7C RENESAS-UPG2411T7C Datasheet
220Kb / 11P
GaAs Integrated Circuit SPDT Switch for 2 GHz to 6 GHz
UPG2419T6R RENESAS-UPG2419T6R Datasheet
275Kb / 17P
GaAs Integrated Circuit SPDT Switch for 4.0 GHz to 5.0 GHz
logo
California Eastern Labs
UPG2422TK CEL-UPG2422TK Datasheet
770Kb / 16P
GaAs Integrated Circuit SPDT Switch for 0.05 GHz to 6.0 GHz
UPG2415T6X CEL-UPG2415T6X_09 Datasheet
434Kb / 10P
0.05 to 6.0 GHz SPDT SWITCH
UPG2422TK CEL-UPG2422TK_09 Datasheet
770Kb / 16P
SPDT Switch for 0.05 GHz to 6.0 GHz
logo
Renesas Technology Corp
PG2415T6X RENESAS-PG2415T6X_15 Datasheet
230Kb / 13P
0.05 to 6.0 GHz SPDT SWIT
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com