Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP8402 Datasheet (PDF) - Zarlink Semiconductor Inc

Part # SP8402
Description  Very Low Phase Noise Divider by 2N
File Size   463.81 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP8402 Datasheet (PDF) - Zarlink Semiconductor Inc



Similar Part No. - SP8402

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8402 MITEL-SP8402 Datasheet
107Kb / 6P
Very Low Phase Noise Divider by 2N
SP8402KGMPES MITEL-SP8402KGMPES Datasheet
107Kb / 6P
Very Low Phase Noise Divider by 2N
More results


Similar Description - SP8402

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP5748 MITEL-SP5748 Datasheet
295Kb / 15P
2.4GHz Very Low Phase Noise PLL
SP8400 MITEL-SP8400 Datasheet
113Kb / 6P
Very Low Phase Noise Synthesiser Divider
SP8401 MITEL-SP8401 Datasheet
98Kb / 5P
Very Low Phase Noise 300MHz 첨10/11
SP8402 MITEL-SP8402 Datasheet
107Kb / 6P
Very Low Phase Noise Divider by 2N
logo
PhaseLink Corporation
PLL502-52 PLL-PLL502-52 Datasheet
203Kb / 5P
Low Phase Noise Divider by 2 VCXO (10MHz to 20MHz)
logo
Zarlink Semiconductor I...
SP8400 ZARLINK-SP8400 Datasheet
383Kb / 5P
Very Low Phase Noise Synthesiser Divider
logo
EUROQUARTZ limited
T96 EUROQUARTZ-T96 Datasheet
86Kb / 1P
Very Rugged - Low Phase Noise
YH1322 EUROQUARTZ-YH1322 Datasheet
97Kb / 1P
Very Low Phase Noise - HCMOS or Sinewave
logo
ILSI America LLC
I428 ILSI-I428 Datasheet
134Kb / 2P
Very Low Phase Noise Option
logo
Abracon Corporation
ABV0252 ABRACON-ABV0252 Datasheet
58Kb / 5P
Low Phase Noise Divider by 2 VCXO (10MHz to 20MHz)
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com