Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TL14006AV Datasheet (PDF) - Transko Electronics, Inc.

Part # TL14006AV
Description  140.0 MHz IF SAW Filter / 6.40 MHz Bandwidth
File Size   667.79 Kbytes
Html View  1   2   3   4   5 
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TL14006AV Datasheet (PDF) - Transko Electronics, Inc.



Similar Part No. - TL14006AV

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TL14013AV TRANSKO-TL14013AV Datasheet
623Kb / 5P
140.0 MHz IF SAW Filter / 13.70 MHz Bandwidth
Revision 0: 03 Feb. 2012
TL14020AV TRANSKO-TL14020AV Datasheet
566Kb / 4P
140.0 MHz IF SAW Filter / 20.80 MHz Bandwidth
Revision 0: 08 Jul. 2008
TL14077AV TRANSKO-TL14077AV Datasheet
531Kb / 4P
140.0 MHz IF SAW Filter / 77.30 MHz Bandwidth
Revision 0: 15 Oct. 2009
TL1407V TRANSKO-TL1407V Datasheet
433Kb / 3P
Low-Loss 140.00 MHz IF SAW Filter / 7.4 MHz Bandwidth
Revision 1: 29 Oct. 2007
TL1408V TRANSKO-TL1408V Datasheet
429Kb / 3P
Low-Loss 140.00 MHz IF SAW Filter / 8.5 MHz Bandwidth
Revision 1: 29 Oct. 2007
More results


Similar Description - TL14006AV

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-SL140.0M-20A OSCILENT-813-SL140.0M-20A Datasheet
221Kb / 6P
140.0 MHz IF SAW Filter 20.80 MHz Bandwidth
813-SL140.0M-77A OSCILENT-813-SL140.0M-77A Datasheet
237Kb / 6P
140.0 MHz IF SAW Filter 77.3 MHz Bandwidth
821-IF140.0M-15A OSCILENT-821-IF140.0M-15A Datasheet
443Kb / 6P
140.0 MHz IF SAW Filter 15.90 MHz Bandwidth
logo
Transko Electronics, In...
TA140CD TRANSKO-TA140CD Datasheet
294Kb / 3P
140.0 MHz IF SAW Filter / 25.0 MHz Bandwidth
Revision 1: 29. Oct. 2007
TA14015AD1 TRANSKO-TA14015AD1 Datasheet
522Kb / 4P
140.0 MHz IF SAW Filter / 15.90 MHz Bandwidth
Revision 0: 06. May 2009
TA14015BD1 TRANSKO-TA14015BD1 Datasheet
523Kb / 4P
140.0 MHz IF SAW Filter / 15.57 MHz Bandwidth
Revision 0: 22. Jul. 2009
TA14015CV TRANSKO-TA14015CV Datasheet
623Kb / 4P
140.0 MHz IF SAW Filter / 15.90 MHz Bandwidth
Revision 0: 07. Sep. 2011
TA14016AD1 TRANSKO-TA14016AD1 Datasheet
565Kb / 4P
140.0 MHz IF SAW Filter / 16.32 MHz Bandwidth
Revision 0: 21. Apr. 2009
TL14013AV TRANSKO-TL14013AV Datasheet
623Kb / 5P
140.0 MHz IF SAW Filter / 13.70 MHz Bandwidth
Revision 0: 03 Feb. 2012
TL14077AV TRANSKO-TL14077AV Datasheet
531Kb / 4P
140.0 MHz IF SAW Filter / 77.30 MHz Bandwidth
Revision 0: 15 Oct. 2009
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com