Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TRF0206-SP Datasheet (PDF) - Texas Instruments

Part # TRF0206-SP
Description  TRF0206-SP Single‑Channel, 10‑MHz to 6.5‑GHz, 3‑dB BW, ADC Driver Amplifier
File Size   1524.91 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRF0206-SP Datasheet (PDF) - Texas Instruments



Similar Part No. - TRF0206-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF0206-SP TI-TRF0206-SP Datasheet
1Mb / 22P
TRF0206-SP Single Channel, 10 MHz to 6.5 GHz 3-dB BW, ADC Driver Amplifier
REVISED DECEMBER 2022
More results


Similar Description - TRF0206-SP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TLV271SN2T1G ONSEMI-TLV271SN2T1G Datasheet
968Kb / 12P
Single-Channel, Rail-to-Rail Output, 3 MHz BW Operational Amplifier
April, 2013 ??Rev. 3
TLV271SN1T1G ONSEMI-TLV271SN1T1G Datasheet
972Kb / 12P
Single-Channel, Rail-to-Rail Output, 3 MHz BW Operational Amplifier
September, 2013 ??Rev. 4
logo
KR Electronics, Inc.
2969 KR-2969 Datasheet
47Kb / 3P
10 MHz minimum 1.5 dB BW
2969-SMA KR-2969-SMA Datasheet
64Kb / 3P
10 MHz minimum 1.5 dB BW
logo
Analog Devices
ADL5580 AD-ADL5580 Datasheet
783Kb / 22P
Fully Differential, 10 GHz ADC Driver with 10 dB Gain
12/2020-Revision 0
logo
Texas Instruments
TRF1208 TI-TRF1208 Datasheet
1Mb / 29P
TRF1208 10 MHz to 11 GHz 3-dB BW, ADC Driver Amplifier
OCTOBER 2021
TRF1208 TI-TRF1208_V01 Datasheet
2Mb / 30P
TRF1208 10 MHz to 11 GHz 3-dB BW, ADC Driver Amplifier
MARCH 2022
TRF0206-SP TI-TRF0206-SP Datasheet
1Mb / 22P
TRF0206-SP Single Channel, 10 MHz to 6.5 GHz 3-dB BW, ADC Driver Amplifier
REVISED DECEMBER 2022
TRF1208 TI-TRF1208_V02 Datasheet
2Mb / 31P
TRF1208 10 MHz to 11 GHz 3-dB BW, ADC Driver Amplifier
REVISED APRIL 2022
TRF1208 TI1-TRF1208_V03 Datasheet
2Mb / 41P
TRF1208 10-MHz to 11-GHz, 3-dB-BW ADC Driver Amplifier
REVISED AUGUST 2023
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com