Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NS4159 Datasheet (PDF) - Shenzhen Naxinwei Technology Co., Ltd.

Part # NS4159
Description   Class AB/D dual-mode, anti-distortion, 5.5W mono audio amplifier
File Size   335.53 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  NSIWAY [Shenzhen Naxinwei Technology Co., Ltd.]
Direct Link  http://www.nsiway.com.cn
Logo NSIWAY - Shenzhen Naxinwei Technology Co., Ltd.

NS4159 Datasheet (PDF) - Shenzhen Naxinwei Technology Co., Ltd.



Similar Part No. - NS4159

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NS4150 ETC1-NS4150 Datasheet
1Mb / 15P
Low EMI,Filterless,3W Mono Class D Audio Amplifier
NS4158 ETC2-NS4158 Datasheet
552Kb / 16P
Breaking sound (NCN) function, software,
More results


Similar Description - NS4159

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY8009 LYONTEK-LY8009_12 Datasheet
545Kb / 17P
5.5W Mono Filterless Class D Audio power Amplifier
LY8009 LYONTEK-LY8009_17 Datasheet
683Kb / 17P
5.5W Mono Filterless Class D Audio power Amplifier
logo
Diodes Incorporated
PAM8012 DIODES-PAM8012 Datasheet
450Kb / 14P
MONO 2.0W ANTI-SATURATION CLASS-D AUDIO POWER AMPLIFIER
Rev 1
logo
Jiaxing Heroic Technolo...
HT8693 HEROIC-HT8693 Datasheet
175Kb / 2P
10W anti-breaking mono D-class audio amplifier
logo
Shenzhenshi YONGFUKANG ...
HT6872 YONGFUKANG-HT6872 Datasheet
610Kb / 12P
4.7W anti-cutting top mono Class D audio power amplifier
logo
Shenzhen Huazhimei Semi...
HM8870 HMSEMI-HM8870 Datasheet
664Kb / 7P
3.5W/3.7V, ultra low EMI, ultra low noise, anti-breaking, mono AB/D dual mode audio amplifier
HM2011 HMSEMI-HM2011 Datasheet
941Kb / 14P
4.7W Anti-cutting Mono Class D Audio Power Amplifier
logo
List of Unclassifed Man...
NS4110B ETC-NS4110B Datasheet
1Mb / 11P
18W Mono Class AB/D Dual Mode Audio Power Amplifier
2017 V1.0
logo
Shenzhen Naxinwei Techn...
NS4110 NSIWAY-NS4110 Datasheet
611Kb / 14P
Class AB/D dual-mode, 10W mono audio amplifier
V1.0
NS4165 NSIWAY-NS4165 Datasheet
585Kb / 13P
Class AB/D dual-mode, 5W mono audio amplifier
V1.0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com