| Manufacturer | Part # | Datasheet | Description |
 Inventronics Inc. |
DS-ESD-150SXXXDT
|
681Kb / 14P |
150W Pro grammable IP67 Driver
Rev. E |
|
DS-ESD-320SXXXDT
|
748Kb / 15P |
320W Programmable IP67 Driver
Rev. H |
|
DS-ESD-320SXXXDV
|
1Mb / 14P |
320W Programmable IP67 Driver
Rev. B |
|
ESV-320SXXXST
|
449Kb / 8P |
320W Constant Voltage IP67 Driver
Rev. A |
|
EUP-320SXXXSV
|
749Kb / 13P |
320W AOC IP67 Driver
Rev. C |
|
EUK-240SXXXDVTV
|
2Mb / 14P |
240W Pro grammable IP67 Driver
Rev.D |
|
EUK-200SXXXDT
|
940Kb / 14P |
200W Pro grammable IP67 Driver
Rev. D |
|
EUK-320SXXXDV
|
880Kb / 15P |
320W Pro grammable IP67 Driver
Rev. E |
|
EUC-320SXXXDT
|
1Mb / 13P |
320W Constant Current IP67 Driver
Rev. E |
|
EUC-320SXXXDV
|
1Mb / 12P |
320W Constant Current IP67 Driver
Rev. E |