Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TZ1868A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ1868A
Description  Crystal Unit SMD 2.5x2.0 16MHz
File Size   137.71 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TZ1868A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TZ1868A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ1864A TAI-SAW-TZ1864A Datasheet
135Kb / 7P
Crystal Unit SMD 7.0x5.0 16.8MHz
REV. NO.: 1
TZ1865EA4312 TAI-SAW-TZ1865EA4312 Datasheet
285Kb / 7P
Crystal Unit SMD 3.2x2.5 50.00MHz
REV. NO.: 1
TZ1866A TAI-SAW-TZ1866A Datasheet
79Kb / 5P
HC49US DIP 16MHz Crystal Unit
REV. NO.: 1.0
More results


Similar Description - TZ1868A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0111A TAI-SAW-TZ0111A Datasheet
405Kb / 8P
SMD 4.0x2.5 16MHz Crystal Unit
REV. NO.: 5.0
TZ0733D TAI-SAW-TZ0733D Datasheet
165Kb / 7P
Crystal Unit SMD 2.5x2.0 40.00MHz
REV. NO.: 2
TZ0733E TAI-SAW-TZ0733E Datasheet
189Kb / 7P
Crystal Unit SMD 2.5x2.0 40.00MHz
REV. NO.: 2
TZ0751A TAI-SAW-TZ0751A Datasheet
158Kb / 8P
Crystal Unit SMD 2.5x2.0 20.0MHz
REV. NO.: 2
TZ0897A TAI-SAW-TZ0897A Datasheet
147Kb / 8P
Crystal Unit SMD 4.0x2.5 16MHz
REV. NO.: 1
TZ0982A TAI-SAW-TZ0982A Datasheet
195Kb / 5P
SMD 2.5x2.0 27.6MHz Crystal Unit
REV. NO.: 1
TZ1106A TAI-SAW-TZ1106A Datasheet
234Kb / 7P
SMD 2.5x2.0 27.0MHz Crystal Unit
REV. NO.: 1
TZ1181EAAA32 TAI-SAW-TZ1181EAAA32 Datasheet
164Kb / 7P
Crystal Unit SMD 2.5x2.0 40.00MHz
REV. NO.: 1
TZ1525A TAI-SAW-TZ1525A Datasheet
386Kb / 7P
SMD 5.0x3.2 16MHz Crystal Unit
REV. NO.: 1
TZ2012B TAI-SAW-TZ2012B Datasheet
417Kb / 8P
Crystal Unit SMD 3.2x2.5 16MHz
REV. NO.: 1
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com