Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

5240F1 Datasheet (PDF) - Belden Inc.

Part # 5240F1
Description  Security & Sound, #16-2c, TC, Shielded, CMG-FPL-PLTC, Water-Blocked
File Size   146.03 Kbytes
Html View  1   2 
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

5240F1 Datasheet (PDF) - Belden Inc.



Similar Part No. - 5240F1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5240 ETC2-5240 Datasheet
142Kb / 2P
BATTERY CONTACTS FOR MOLDED CASES
logo
3M Electronics
5240 3M-5240 Datasheet
38Kb / 2P
DIP Clips for 8-14-16-20-24-40 Pin Clips And 8 Through 40 Pin DIP Removers
14-Aug-2016
logo
Keystone Electronics Co...
5240 KEYSTONE-5240 Datasheet
427Kb / 1P
BATTERY CONTACTS FOR MOLDED CASES
31-07 20th
logo
Molex Electronics Ltd.
5240-02 MOLEX3-5240-02 Datasheet
125Kb / 2P
2.50mm (.098") Pitch SPOX??Wire-to-Wire Plug Housing, Friction Lock, Optional Mounting Ears, 2 Circuits
5240-021 MOLEX3-5240-021 Datasheet
100Kb / 2P
2.50mm (.098") Pitch SPOX Wire-to-Wire Plug Housing, Friction Lock, Optional Mounting Ears, 2 Circuits
More results


Similar Description - 5240F1

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
5500UE BELDEN-5500UE Datasheet
267Kb / 2P
Security & Sound, #22-2c BC, CMR
6200FH BELDEN-6200FH Datasheet
146Kb / 2P
Security & Sound, 2 Conductor 16 AWG TC, Shielded, Plenum
12-20-2022
6200UH BELDEN-6200UH Datasheet
146Kb / 2P
Security & Sound, 2 Conductor 16 AWG, TC, Plenum
03-04-2023
6201UH BELDEN-6201UH Datasheet
142Kb / 2P
Security & Sound, 3 Conductor 16 AWG TC, CMP
12-20-2022
6202UH BELDEN-6202UH Datasheet
142Kb / 2P
Security & Sound, 4 Conductor 16 AWG, TC, CMP
12-20-2022
5200UH BELDEN-5200UH Datasheet
150Kb / 2P
Security & Sound, 2 Conductor 16 AWG, TC, Riser
12-20-2022
5201FH BELDEN-5201FH Datasheet
146Kb / 3P
Security & Sound, 3 Conductor 16 AWG, TC, CMR
12-20-2022
5500UH BELDEN-5500UH Datasheet
147Kb / 2P
Security & Sound, #22-2c, TC, Unshielded, CMR
12-20-2022
6201FH BELDEN-6201FH Datasheet
144Kb / 2P
Security & Sound, 3 Conductor 16 AWG TC, CMP
12-20-2022
5500FH BELDEN-5500FH Datasheet
151Kb / 2P
Security & Sound, #22-2c, TC, Shielded, CMR
12-20-2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com