Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

17K1A361 Datasheet (PDF) - CONEC Elektronische Bauelemente GmbH

Part # 17K1A361
Description  Receptacle Assembly Kit with Nickel Plated Zinc Die-Cast Housing Shielded Cat. 5e RJ45 PCB Jack Version-II
File Size   679.94 Kbytes
Html View  1 
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

17K1A361 Datasheet (PDF) - CONEC Elektronische Bauelemente GmbH



Similar Part No. - 17K1A361

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
17K1A360 CONEC-17K1A360 Datasheet
700Kb / 1P
Receptacle Assembly Kit with Metalized Plastic Housing Shielded Cat. 5e RJ45 PCB Jack Version-II
Oct. 09. 2012
17K1A362 CONEC-17K1A362 Datasheet
549Kb / 1P
Receptacle Assembly Kit with Colored Plastic Receptacle Housing Shielded Cat. 5e RJ45 PCB Jack Version-III
Oct. 09. 2012
17K1A363 CONEC-17K1A363 Datasheet
548Kb / 1P
Receptacle Assembly Kit with Metalized Plastic Housing Shielded Cat. 5e RJ45 PCB Jack Version-III
Oct. 09. 2012
17K1A365 CONEC-17K1A365 Datasheet
703Kb / 1P
Receptacle Assembly Kit with Nickel Plated Die-Cast Housing with USB 2.0 Type A Female PCB Version
Oct. 09. 2012
17K1A366 CONEC-17K1A366 Datasheet
399Kb / 1P
Receptacle Assembly Kit with zinc die-cast flange receptacle housing and with shielded Cat 6A RJ45 inline couplergasketM3 hardware
16.10.2012
More results


Similar Description - 17K1A361

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
17-101794 CONEC-17-101794 Datasheet
518Kb / 1P
RJ45 Plug Kit with shielded Cat. 5e RJ45 Plug Zinc Die-Cast Version
logo
Amphenol Corporation
C031-71042 AMPHENOL-C031-71042 Datasheet
162Kb / 1P
75 OHMS BNC JACK R/A, PCB MT., ZINC DIE CAST HOUSING
logo
E-SWITCH
K200298 E-SWITCH-K200298 Datasheet
127Kb / 1P
HOUSING: NICKEL PLATED ZINC ALLOYWITH NICKEL FACING
logo
Molex Electronics Ltd.
73171-3020 MOLEX11-73171-3020 Datasheet
33Kb / 1P
75 Ohms, BNC Right-Angle, PCB Jack Receptacle, Die Cast Zinc Alloy
0731713020 MOLEX11-0731713020 Datasheet
66Kb / 1P
75 Ohms, BNC Right-Angle, PCB Jack Receptacle, Die Cast Zinc Alloy
logo
Amphenol Corporation
P-MUSB-B151-XX AMPHENOL-P-MUSB-B151-XX Datasheet
83Kb / 2P
OUTER SHELL: DIE CAST ZINC ALLOY, NICKEL PLATED
logo
Molex Electronics Ltd.
0731000080 MOLEX-0731000080_V01 Datasheet
58Kb / 1P
75 Ohms, BNC Right-Angle, PCB Jack Receptacle, Die Cast Zinc Alloy, Tray
0731385033 MOLEX-0731385033_V01 Datasheet
31Kb / 1P
BNC 50 Ohm, Right-Angle, PCB Bulkhead Jack Receptacle, Die Cast Zinc Alloy Body, Nickel Plated
0731713720 MOLEX-0731713720 Datasheet
30Kb / 1P
BNC 50 Ohm, Right-Angle, PCB Bulkhead Jack Receptacle, Die Cast Zinc Alloy Body, Nickel Plated, without Hardware
0731714360 MOLEX-0731714360 Datasheet
30Kb / 1P
BNC 50 Ohm, Right-Angle, PCB Bulkhead Jack Receptacle, Die Cast Zinc Alloy Body, Nickel Plated, One Piece per Bag
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com