Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

42K1A184 Datasheet (PDF) - CONEC Elektronische Bauelemente GmbH

Part # 42K1A184
Description  Connecting cable M8x1, 360°-shielding, female connector axial - male connector axial
File Size   272.03 Kbytes
Html View  1 
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

42K1A184 Datasheet (PDF) - CONEC Elektronische Bauelemente GmbH



Similar Part No. - 42K1A184

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
42K1A180 CONEC-42K1A180 Datasheet
183Kb / 1P
Male connector M8x1 axial, 360°-shielding
27.10.09
42K1A181 CONEC-42K1A181 Datasheet
181Kb / 1P
Male connector M8x1 axial, 360°-shielding
27.10.09
42K1A182 CONEC-42K1A182 Datasheet
187Kb / 1P
Stecker M8x1 axial, 360°-Schirmung
27.10.09
42K1A183 CONEC-42K1A183 Datasheet
184Kb / 1P
Stecker M8x1 axial, 360°-Schirmung
27.10.09
42K1A185 CONEC-42K1A185 Datasheet
262Kb / 1P
Verbindungsleitung M8x1, 360°-Schirmung, Kupplung axial - Stecker axial
27.10.09
More results


Similar Description - 42K1A184

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
43-00091 CONEC-43-00091 Datasheet
148Kb / 1P
Female connector M12x1, field attachable, axial, screw connection
43-00099 CONEC-43-00099 Datasheet
140Kb / 1P
Male connector M12x1, field attachable, axial, screw connection
logo
3M Electronics
SL8800 3M-SL8800 Datasheet
1Mb / 2P
3M Twin Axial Cable
Dec-2005
logo
CONEC Elektronische Bau...
42-00001 CONEC-42-00001 Datasheet
168Kb / 1P
Male connector M8x1, field attachable, axial, spring-type termination
42-00005 CONEC-42-00005 Datasheet
174Kb / 1P
Male connector M8x1, solder cup, axial, solder co nnection
42K1A281 CONEC-42K1A281 Datasheet
168Kb / 1P
Male connector M8x1, field attachable, axial, spring-type termination
42K1A283 CONEC-42K1A283 Datasheet
174Kb / 1P
Male connector M8x1, solder cup, axial, solder co nnection
logo
HARTING Technology Grou...
09-14-001-2761 HARTING-09-14-001-2761 Datasheet
472Kb / 2P
Han 200A axial module, female 95mm짼
09-14-001-2661 HARTING-09-14-001-2661 Datasheet
458Kb / 2P
Han 200A axial module, male 95mm짼
logo
3M Electronics
SL8800 3M-SL8800_V01 Datasheet
421Kb / 3P
3M™ Twin Axial Cable
2011
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com