Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPC8119T-E3 Datasheet (PDF) - NEC

Part # UPC8119T-E3
Description  1.9 GHz AGC AMPLIFIER
File Size   40.87 Kbytes
Html View  1   2   3 
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8119T-E3 Datasheet (PDF) - NEC



Similar Part No. - UPC8119T-E3

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8119T-E3 NEC-UPC8119T-E3 Datasheet
550Kb / 52P
VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE
logo
Renesas Technology Corp
UPC8119T-E3 RENESAS-UPC8119T-E3 Datasheet
663Kb / 52P
BIPOLAR ANALOG INTEGRATED CIRCUITS
2003
More results


Similar Description - UPC8119T-E3

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MA1046-1 MITSUBISHI-MA1046-1 Datasheet
26Kb / 1P
For 1.9 GHz - Power Amplifier
MA1065-1 MITSUBISHI-MA1065-1 Datasheet
43Kb / 1P
For 1.9 GHz - High Power Amplifier
logo
Motorola, Inc
MRFIC1808 MOTOROLA-MRFIC1808 Datasheet
158Kb / 8P
1.9 GHz GaAs LOW NOISE AMPLIFIER
MRFIC1813 MOTOROLA-MRFIC1813 Datasheet
157Kb / 8P
1.9 GHz UPMIXER AND EXCITER AMPLIFIER
logo
National Semiconductor ...
LMX2119 NSC-LMX2119 Datasheet
122Kb / 6P
1.9 GHz Power Amplifier
logo
Eudyna Devices Inc
P0511946H EUDYNA-P0511946H Datasheet
413Kb / 5P
1.9 GHz band Power Amplifier Module
P0531961H EUDYNA-P0531961H Datasheet
118Kb / 6P
1.9 GHz band Power Amplifier Module
P0531981H EUDYNA-P0531981H Datasheet
99Kb / 6P
1.9 GHz band Power Amplifier Module
logo
Toshiba Semiconductor
TA4401CT TOSHIBA-TA4401CT Datasheet
230Kb / 11P
1.9 ~ 2.5 GHz Band Power Amplifier
logo
TriQuint Semiconductor
TGA1342-SCC TRIQUINT-TGA1342-SCC_15 Datasheet
119Kb / 7P
2 20 GHz Wideband AGC Amplifier
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com