Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCT-KMAF-UB Datasheet (PDF) - Eravant

Part # SCT-KMAF-UB
Description  2.92 mm (M) to SMPS (F) Coaxial Adapter
File Size   239.17 Kbytes
Html View  1   2 
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SCT-KMAF-UB Datasheet (PDF) - Eravant



Similar Part No. - SCT-KMAF-UB

ManufacturerPart #DatasheetDescription
logo
Eravant
SCT-KMAM-UB ERAVANT-SCT-KMAM-UB Datasheet
224Kb / 2P
2.92 mm (M) to SMPS (M) Coaxial Adapter
Rev. 1.0
More results


Similar Description - SCT-KMAF-UB

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SM-BF50+ MINI-SM-BF50+ Datasheet
102Kb / 1P
Coaxial Adapter, SMA-M to BNC-F
logo
Winchester Electronics ...
TRU-11223 WINCHESTER-TRU-11223 Datasheet
69Kb / 1P
CONNECTOR,COAXIAL 2.92MM(M) TO 2.92MM(F) ADAPTER
TRU-11256 WINCHESTER-TRU-11256 Datasheet
56Kb / 1P
CONNECTOR, COAXIAL 2.4mm(m) to SMA(f) ADAPTER
TRU-13018 WINCHESTER-TRU-13018 Datasheet
79Kb / 1P
CONNECTOR, COAXIAL 2.92mm(m) to N(f) ADAPTER
logo
Mini-Circuits
BLK-K44 MINI-BLK-K44 Datasheet
190Kb / 2P
DC Block 2.92 mm-F to 2.92mm
185F-KF MINI-185F-KF Datasheet
193Kb / 2P
Adapter 1.85 mm-F to 2.92 mm-F
185F-KM MINI-185F-KM Datasheet
211Kb / 2P
Adapter 1.85 mm-F to 2.92 mm-M
185M-KF MINI-185M-KF Datasheet
202Kb / 2P
Adapter 1.85 mm-M to 2.92 mm-F
185M-KM MINI-185M-KM Datasheet
211Kb / 2P
Adapter 1.85 mm-M to 2.92 mm-M
185F-24M MINI-185F-24M Datasheet
178Kb / 2P
Adapter 1.85 mm-F to 2.4 mm-M
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com