Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SZD5-S8BAT Datasheet (PDF) - AG Electronica

Part # SZD5-S8BAT
Description  TAPA ESTERILIZADORA LED UVC
File Size   739.09 Kbytes
Html View  1   2 
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

SZD5-S8BAT Datasheet (PDF) - AG Electronica



Similar Part No. - SZD5-S8BAT

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
SZD22A30L01 YAGEO-SZD22A30L01 Datasheet
487Kb / 6P
Electrostatic Discharged Protection Devices (ESD)
July 02, 2023 V.1
logo
AG Electronica
SZD24-P55Y AGELECTRONICA-SZD24-P55Y Datasheet
812Kb / 2P
BOLSA ESTERILIZADORA LED UVC
logo
Teledyne Technologies I...
SZD24CC TELEDYNE-SZD24CC Datasheet
481Kb / 3P
Short-Circuit Protected with Trip Status
logo
SeCoS Halbleitertechnol...
SZD772 SECOS-SZD772 Datasheet
659Kb / 3P
PNP Epitaxial Planar Transistors
SZD772 SECOS-SZD772_15 Datasheet
792Kb / 3P
Epitaxial Planar Transistors
More results


Similar Description - SZD5-S8BAT

ManufacturerPart #DatasheetDescription
logo
GENESYS LOGIC
GL860A GENESYS-GL860A Datasheet
998Kb / 42P
USB 2.0 UVC Camera Controller
logo
Future Technology Devic...
FT602Q-T FTDI-FT602Q-T Datasheet
1Mb / 28P
FIFO to USB 3.0 UVC Bridge
logo
Vishay Siliconix
VLMU60CL00-280-125 VISHAY-VLMU60CL00-280-125 Datasheet
277Kb / 6P
UVC Emitting Diode in SMD Package
23-Jan-18
logo
Inolux Corporation
IN-C33DTDU1 INOLUX-IN-C33DTDU1 Datasheet
594Kb / 12P
3535 UVC LED
logo
Luminus, Inc
XBT-1313-UV LUMINUS-XBT-1313-UV Datasheet
1Mb / 11P
UVC LED with emission wavelength between 280 nm and 286 nm
XBT-3535-UV LUMINUS-XBT-3535-UV Datasheet
2Mb / 11P
Surface Mount UVC LED
XST-3535-UV LUMINUS-XST-3535-UV Datasheet
1Mb / 11P
Surface Mount UVC LED
logo
Vishay Siliconix
VLMU35CB21-275-120 VISHAY-VLMU35CB21-275-120 Datasheet
297Kb / 8P
UVC Emitting Diode in SMD Package
08-Jun-2021
VLMU35CL2.-275-120 VISHAY-VLMU35CL2.-275-120 Datasheet
244Kb / 8P
UVC Emitting Diode in SMD Package
09-Sep-2020
VLMU35CT21-275-120 VISHAY-VLMU35CT21-275-120 Datasheet
262Kb / 8P
UVC Emitting Diode in SMD Package
08-Jun-2021
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com