Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FAU25 Datasheet (PDF) - AG Electronica

Part # FAU25
Description  FUSIBLE TIPO CLAVIJA 25A/32V
File Size   198.59 Kbytes
Html View  1 
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

FAU25 Datasheet (PDF) - AG Electronica



Similar Part No. - FAU25

ManufacturerPart #DatasheetDescription
logo
AG Electronica
FAU2 AGELECTRONICA-FAU2 Datasheet
198Kb / 1P
FUSIBLE TIPO CLAVIJA 2A/32V
04/24/2024
FAU20 AGELECTRONICA-FAU20 Datasheet
198Kb / 1P
FUSIBLE TIPO CLAVIJA 20A/32V
04/24/2024
More results


Similar Description - FAU25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA24 STMICROELECTRONICS-BTA24 Datasheet
137Kb / 12P
25A TRIACS
31-Jul-2006
logo
Littelfuse
0298040 LITTELFUSE-0298040 Datasheet
223Kb / 2P
MEGA Fuse Rated 32V
logo
Tiger Electronic Co.,Lt...
BTA24-600C TGS-BTA24-600C Datasheet
285Kb / 1P
25A TRIACS
BTA24-600B TGS-BTA24-600B Datasheet
128Kb / 1P
25A TRIACS
BTA26-600BW TGS-BTA26-600BW Datasheet
67Kb / 1P
25A TRIACS
logo
Unisonic Technologies
BTB24A UTC-BTB24A_15 Datasheet
165Kb / 3P
25A TRIACS
logo
PHOENIX CONTACT
2908366 PHOENIX-2908366 Datasheet
55Kb / 2P
Fuse - FUSE 25A/32V ATOF
12/24/2021
logo
Analog Technologies, In...
ATLS25A219CH ANALOGTECHNOLOGIES-ATLS25A219CH Datasheet
694Kb / 14P
32V 25A Constant Current Laser Driver
1/24/2022
ATLS25A219D ANALOGTECHNOLOGIES-ATLS25A219D Datasheet
816Kb / 16P
32V 25A Constant Current Laser Driver
1/24/2022
ATLS25A219GUI ANALOGTECHNOLOGIES-ATLS25A219GUI Datasheet
711Kb / 14P
32V 25A Constant Current Laser Driver
1/24/2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com