Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDU-12512 Datasheet (PDF) - Belden Inc.

Part # PDU-12512
Description  PDU SW Unit Disp V Env Upg 230V 32A 2PE (30)LC13(6)
File Size   137.82 Kbytes
Html View  1   2 
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

PDU-12512 Datasheet (PDF) - Belden Inc.



Similar Part No. - PDU-12512

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
PDU-12502 BELDEN-PDU-12502 Datasheet
126Kb / 2P
PDU SW Unit Disp V Env Upg 230V 16A 2PE (10)LC13(2)LC19
05-31-2024
PDU-12523 BELDEN-PDU-12523 Datasheet
141Kb / 2P
PDU Upg SW OutL EC Disp V Env 230V 16A 2PE (10)LC13(2)LC19
05-31-2024
PDU-12531 BELDEN-PDU-12531 Datasheet
132Kb / 2P
PDU SW Outl Disp V Env Upg 230V 32A 2PE (20)LC13(4)LC19
05-31-2024
More results


Similar Description - PDU-12512

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDUMNH32HVAT TRIPPLITE-PDUMNH32HVAT Datasheet
504Kb / 4P
7.4kW Single-Phase 230V ATS/Monitored PDU, IEC309 32A Blue Outlet, 2 IEC309 32A Blue Inputs, 1U Rack-Mount
PDU3XEVSR6G32B TRIPPLITE-PDU3XEVSR6G32B Datasheet
177Kb / 5P
22.2kW 3-Phase Switched PDU, LX Platform Interface, 220/230V Outlets (24 C13/6 C19), Touchscreen LCD, IEC 309 32A Red 380/400V, 0U, TAA
PDU3XMV6G32 TRIPPLITE-PDU3XMV6G32 Datasheet
162Kb / 3P
3-Phase Metered PDU, 22.2kW, 42 220/230V outlets (36 C13, 6 C19), IEC309 32A Red (3PNE) 380/400V input, 0u vertical, TAA
PDUH32HV TRIPPLITE-PDUH32HV Datasheet
160Kb / 3P
7.4kW Single-Phase 230V Basic PDU, 10 C13 Outlets, IEC 309 32A Blue Input, 3.6 m Cord, 1U Rack-Mount
PDUMH32HV TRIPPLITE-PDUMH32HV Datasheet
163Kb / 3P
7.4kW Single-Phase Metered PDU, 230V Outlets (2-C19, 16-C13), IEC-309 230V 32A Blue, 12ft Cord, 2U Rack-Mount, TAA
PDUMH32HVNET TRIPPLITE-PDUMH32HVNET Datasheet
170Kb / 4P
7.4kW Single-Phase Switched PDU, LX Platform Interface, 230V Outlets (16-C13), IEC-309 Blue 230V 32A, 3.6m Cord, 2U Rack-Mount, TAA
PDUMV32HVNETLX TRIPPLITE-PDUMV32HVNETLX Datasheet
171Kb / 3P
7.4kW Single-Phase Switched PDU with LX Platform Interface, 230V Output, IEC 309 32A Blue, 10 ft. Cord, 0U, TAA
logo
Schneider Electric
AP8953 SCHNEIDER-AP8953 Datasheet
56Kb / 2P
Rack PDU 2G, Switched, ZeroU, 32A, 230V, (21) C13 & (3) C19
Oct 25, 2017
AP8853 SCHNEIDER-AP8853 Datasheet
64Kb / 2P
Rack PDU 2G, Metered, ZeroU, 32A, 230V,(36) C13 & (6) C19
Oct 8, 2020
XB4FKCUST02 SCHNEIDER-XB4FKCUST02 Datasheet
106Kb / 1P
FLUSH ILL SW GR 2POS 230V 1NO 1NC
Sep 29, 2021
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com