Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPN05SPD12M Datasheet (PDF) - Europa PLC

Part # TPN05SPD12M
Description  TPN 3 PHASE BOARDS (125A) inc. TYPE 1/2 SPD and ISOLATOR PREWIRED
File Size   629.6 Kbytes
Html View  1   2 
Manufacturer  EUROPA [Europa PLC]
Direct Link  https://www.europa-plc.com/
Logo EUROPA - Europa PLC

TPN05SPD12M Datasheet (PDF) - Europa PLC



Similar Part No. - TPN05SPD12M

ManufacturerPart #DatasheetDescription
logo
Europa PLC
TPN05SPD2MCB EUROPA-TPN05SPD2MCB Datasheet
745Kb / 2P
TPN 3 Phase Boards (125A) inc. TYPE 2 SPD and MCB PREWIRED
More results


Similar Description - TPN05SPD12M

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DM163007 MICROCHIP-DM163007 Datasheet
83Kb / 2P
PICDEM??CAN-LIN 1, 2 and 3 Demonstration Boards
2006
logo
uPI Group Inc.
UP9508Q UPI-UP9508Q Datasheet
706Kb / 49P
3/2/12/1-Phase PWM Controller
logo
Schneider Electric
SDSB80111 SCHNEIDER-SDSB80111 Datasheet
76Kb / 2P
SPD - SDSB Type 1 - 120/240V - 1PH - 3 Wire - 80kA
Apr 8, 2020
SSP01XDSE10A1 SCHNEIDER-SSP01XDSE10A1 Datasheet
135Kb / 2P
SPD - XDSE Type 1 - 120/240V - 1PH - 3 Wire - 100kA
Apr 16, 2020
SSP01XDSE20A1 SCHNEIDER-SSP01XDSE20A1 Datasheet
135Kb / 2P
SPD - XDSE Type 1 - 120/240V - 1PH - 3 Wire - 200kA
Apr 16, 2020
SSP05XDSE20A SCHNEIDER-SSP05XDSE20A Datasheet
135Kb / 2P
SPD - XDSE Type 2 - 480V Delta - 3PH - 3 Wire - 200kA
SSP05XDSE20A1 SCHNEIDER-SSP05XDSE20A1 Datasheet
135Kb / 2P
SPD - XDSE Type 1 - 480V Delta - 3PH - 3 Wire - 200kA
SSP06XDSE15A1 SCHNEIDER-SSP06XDSE15A1 Datasheet
135Kb / 2P
SPD - XDSE Type 1 - 240V Delta - 3PH - 3 Wire - 150kA
SSP06XDSE20A1 SCHNEIDER-SSP06XDSE20A1 Datasheet
135Kb / 2P
SPD - XDSE Type 1 - 240V Delta - 3PH - 3 Wire - 200kA
SSP09XDSE10A1 SCHNEIDER-SSP09XDSE10A1 Datasheet
135Kb / 2P
SPD - XDSE Type 1 - 600V Delta - 3PH - 3 Wire - 100kA
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com