Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1927 Datasheet (PDF) - GEDORE Werkzeugfabrik GmbH & Co. KG

Part # 1927
Description  Socket 1/2"
File Size   128.44 Kbytes
Html View  1 
Manufacturer  GEDORE [GEDORE Werkzeugfabrik GmbH & Co. KG]
Direct Link  https://www.gedore.com/
Logo GEDORE - GEDORE Werkzeugfabrik GmbH & Co. KG

1927 Datasheet (PDF) - GEDORE Werkzeugfabrik GmbH & Co. KG



Similar Part No. - 1927

ManufacturerPart #DatasheetDescription
logo
Kendall Howard
1927-3-002-00-WP KENDALLHOWARD-1927-3-002-00-WP Datasheet
55Kb / 1P
2 PIECE RACK CONVERSION KIT
logo
Festo Corporation.
19270 FESTO-19270 Datasheet
89Kb / 2P
ISO cylinder
logo
Molex Electronics Ltd.
192700008 MOLEX4-192700008 Datasheet
91Kb / 2P
Perma-Fit??Heavy Wall Battery Cable Tubing, 10.16mm (.400
192700018 MOLEX4-192700018 Datasheet
91Kb / 2P
Perma-Fit??Heavy Wall Battery Cable Tubing, 19.05mm (.750") Inside Diameter (AsSupplied), Black, 1.22m
192700023 MOLEX4-192700023 Datasheet
91Kb / 2P
Perma-Fit??Heavy Wall Battery Cable Tubing, 19.05mm (.750") Inside DiameterAsSuppliedRed1.22m (4.0
More results


Similar Description - 1927

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4885 MAXIM-MAX4885 Datasheet
367Kb / 13P
Complete VGA 1:2 or 2:1 Multiplexer
Rev 0; 5/06
logo
3M Electronics
1522 3M-1522_10 Datasheet
1Mb / 4P
Pak 20 Wiremount Socket - 2 mm × 2 mm for 1 mm Pitch Cable
15-Apr-2010
logo
Micrel Semiconductor
SY89474U MICREL-SY89474U_10 Datasheet
424Kb / 11P
Precision LVDS 2:1 Multiplexer with 1:2
SY89473U MICREL-SY89473U_10 Datasheet
528Kb / 11P
Precision LVPECL 2:1 Multiplexer with 1:2
logo
Tyco Electronics
2-1355668-2 MACOM-2-1355668-2 Datasheet
115Kb / 1P
SOCKET HOUSING 2-POS Buchsengehaeuse 2-polig
logo
NEC
E120D-1 NEC-E120D-1 Datasheet
34Kb / 3P
2 socket server
logo
uPI Group Inc.
UP9508 UPI-UP9508 Datasheet
1Mb / 45P
3/2/12/1-Phase PWM Controller
UP9508Q UPI-UP9508Q Datasheet
706Kb / 49P
3/2/12/1-Phase PWM Controller
logo
PHOENIX CONTACT
2955276 PHOENIX-2955276 Datasheet
67Kb / 2P
Module - UM-HOZ 462/1-1-1-1-2-2/W120
2955331 PHOENIX-2955331 Datasheet
67Kb / 2P
Module - UM-HOZ 462/1-1-1-1-2-2/G 24
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com