Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CAT5E-BK Datasheet (PDF) - Structured Cable Products Inc.

Part # CAT5E-BK
Description  CAT5E 350 MHz 24 AWG SOLID BC 4PR, UTP
File Size   673.24 Kbytes
Html View  1   2 
Manufacturer  STRUCTURED-CABLE [Structured Cable Products Inc.]
Direct Link  https://scpcat5e.com/
Logo STRUCTURED-CABLE - Structured Cable Products Inc.

CAT5E-BK Datasheet (PDF) - Structured Cable Products Inc.



Similar Part No. - CAT5E-BK

ManufacturerPart #DatasheetDescription
logo
Structured Cable Produc...
CAT5E-BK-D STRUCTURED-CABLE-CAT5E-BK-D Datasheet
660Kb / 2P
Dca RATED - ENHANCED 350 MHz 24 AWG SOLID BC
CAT5E-BK-ETL STRUCTURED-CABLE-CAT5E-BK-ETL Datasheet
782Kb / 2P
CAT5E 350 MHz 24 AWG SOLID BC 4PR UTP
CAT5E-BK-HDBX STRUCTURED-CABLE-CAT5E-BK-HDBX Datasheet
620Kb / 2P
CAT5E 350 MHz 24 AWG SOLID BC 4PR, UTP
More results


Similar Description - CAT5E-BK

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N022-01K-BK TRIPPLITE-N022-01K-BK Datasheet
175Kb / 3P
Cat5e 350 MHz Bulk Solid-Core PVC Cable, Black, 1000 ft., TAA
N022-01K-BL TRIPPLITE-N022-01K-BL Datasheet
176Kb / 3P
Cat5e 350 MHz Bulk Solid-Core PVC Cable, Blue, 1000 ft., TAA
N002-015-WH TRIPPLITE-N002-015-WH Datasheet
167Kb / 3P
Cat5e 350 MHz Molded UTP Patch Cable (RJ45 M/M), White, 15 ft.
N002-075-BL TRIPPLITE-N002-075-BL Datasheet
171Kb / 3P
Cat5e 350 MHz Molded UTP Patch Cable (RJ45 M/M), Blue, 75 ft.
logo
Belden Inc.
74001E BELDEN-74001E Datasheet
169Kb / 2P
DataTuff® 5E, 4PR #24 Sol BC, PO ins, SF/UTP, PVC jkt, AWM 2464
2022 Belden, Inc
74001NH BELDEN-74001NH Datasheet
172Kb / 3P
DataTuff® 5E, 4PR #24 Sol BC, PO ins, SF/UTP, LSNH Jkt, AWM 21286
2022 Belden, Inc
1224 BELDEN-1224 Datasheet
176Kb / 3P
CAT5e Horizontal, 4pr, UTP, LSZH Jkt
2022 Belden, Inc
1583ANH BELDEN-1583ANH Datasheet
179Kb / 3P
CAT5e Horizontal, 4pr, UTP, PVC Jkt
2022 Belden, Inc
1701LC BELDEN-1701LC Datasheet
177Kb / 3P
CAT5e Horizontal Bonded-Pair, 4pr, UTP, FEP Jkt, CMP-LC
2022 Belden, Inc
1904A BELDEN-1904A Datasheet
189Kb / 3P
Audio Snake Cable, #24-4pr, BC, Indiv. Shielded
12-19-2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com