Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMD-3500 Datasheet (PDF) - SYNERGY MICROWAVE CORPORATION

Part # SMD-3500
Description  TRIPLE BALANCED MIXER WIDE BANDWIDTH 1-3500 MHz
File Size   244.46 Kbytes
Html View  1   2 
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

SMD-3500 Datasheet (PDF) - SYNERGY MICROWAVE CORPORATION



Similar Part No. - SMD-3500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMD-3500 ETC1-SMD-3500 Datasheet
206Kb / 2P
TRIPLE BALANCED MIXER
logo
Mobile Mark, Inc.
SMD-3500 MOBILEMARK-SMD-3500 Datasheet
326Kb / 1P
LOW PROFILE DOME ANTENNA
logo
SYNERGY MICROWAVE CORPO...
SMD-3500L SYNERGY-SMD-3500L Datasheet
269Kb / 4P
SURFACE MOUNT MODEL TRIPLE-BALANCED MIXER SURFACE MOUNT 10 - 3500 MHz
More results


Similar Description - SMD-3500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DBM-701S ETC1-DBM-701S Datasheet
113Kb / 2P
High Level SMA Connectorized Double Balanced Mixer Mismatch Insensitive 1-3500 MHz
DBM-700H ETC2-DBM-700H Datasheet
2Mb / 2P
High Level Subminiature Mismatch Insensitive Flatpack Double Balanced Mixer 1-3500 MHz
logo
Tyco Electronics
M52 MACOM-M52 Datasheet
513Kb / 3P
Triple-Balanced Mixer
M83 MACOM-M83 Datasheet
424Kb / 3P
Triple-Balanced Mixer
MA4EXP400H-1277T MACOM-MA4EXP400H-1277T Datasheet
213Kb / 5P
Silicon Double Balanced HMICTM Mixer, 3500 - 4500 MHz
logo
SYNERGY MICROWAVE CORPO...
SMD6000 SYNERGY-SMD6000 Datasheet
201Kb / 2P
DOUBLE BALANCED MIXER ULTRA WIDE BANDWIDTH 1 - 6000 MHz
SMD-3500L SYNERGY-SMD-3500L Datasheet
269Kb / 4P
SURFACE MOUNT MODEL TRIPLE-BALANCED MIXER SURFACE MOUNT 10 - 3500 MHz
SGM-2-17 SYNERGY-SGM-2-17 Datasheet
252Kb / 4P
DOUBLE-BALANCED MIXER SURFACE WIDE BANDWIDTH 250 - 3250 MHz
SGM-2-13 SYNERGY-SGM-2-13 Datasheet
285Kb / 3P
DOUBLE-BALANCED MIXER SURFACE WIDE BANDWIDTH - GALAXY SERIES 250 - 3250 MHz
logo
SIRENZA MICRODEVICES
DBM-700 SIRENZA-DBM-700 Datasheet
113Kb / 2P
High Level Subminiature Mismatch Insensitive Flatback double Balanced Mixer 1-3500 MHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com