Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AG142FGS4FRA Datasheet (PDF) - Rohm

Part # AG142FGS4FRA
Description  Nch 40V 120A Power MOSFET
File Size   2492.61 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

AG142FGS4FRA Datasheet (PDF) - Rohm



Similar Part No. - AG142FGS4FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
AG140FGS4FRA ROHM-AG140FGS4FRA Datasheet
2Mb / 14P
Nch 40V 120A Power MOSFET
20241018 - Rev.002
AG145FLS4FRA ROHM-AG145FLS4FRA Datasheet
2Mb / 14P
Nch 60V 120A Power MOSFET
20240422 - Rev.001
logo
List of Unclassifed Man...
AG1460 ETC2-AG1460 Datasheet
498Kb / 15P
QUAD 5V RINGING SLIC
AG1460D ETC2-AG1460D Datasheet
498Kb / 15P
QUAD 5V RINGING SLIC
AG1460PD ETC2-AG1460PD Datasheet
498Kb / 15P
QUAD 5V RINGING SLIC
More results


Similar Description - AG142FGS4FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RJ1L12BGN ROHM-RJ1L12BGN Datasheet
2Mb / 15P
Nch 60V 120A Power MOSFET
RJ1L12CGN ROHM-RJ1L12CGN Datasheet
2Mb / 15P
Nch 60V 120A Power MOSFET
RJ1L12DGN ROHM-RJ1L12DGN Datasheet
2Mb / 15P
Nch 60V 120A Power MOSFET
RJ1P12BBD ROHM-RJ1P12BBD Datasheet
2Mb / 15P
Nch 100V 120A Power MOSFET
SH8KB6 ROHM-SH8KB6 Datasheet
2Mb / 14P
40V NchNch Power MOSFET
SH8KB7 ROHM-SH8KB7 Datasheet
2Mb / 14P
40V NchNch Power MOSFET
SH8K25 ROHM-SH8K25 Datasheet
1Mb / 14P
40V NchNch Power MOSFET
20190527 - Rev.004
RX3P07CBH ROHM-RX3P07CBH Datasheet
2Mb / 13P
Nch 100V 120A Power MOSFET
20221122 - Rev.002
HP8KB7 ROHM-HP8KB7 Datasheet
2Mb / 14P
40V NchNch Power MOSFET
20230328 - Rev.001
RJ1P07CBH ROHM-RJ1P07CBH Datasheet
2Mb / 13P
Nch 100V 120A Power MOSFET
20230518 - Rev.003
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com