Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLA110L Datasheet (PDF) - Littelfuse

Part # PLA110L
Description  400V, 150mA Single-Pole
File Size   200.67 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PLA110L Datasheet (PDF) - Littelfuse



Similar Part No. - PLA110L

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PLA110L CLARE-PLA110L Datasheet
146Kb / 6P
Single Pole OptoMOS Relays
logo
IXYS Corporation
PLA110L IXYS-PLA110L Datasheet
124Kb / 7P
Single Pole, Normally Open OptoMOS Relay
logo
Clare, Inc.
PLA110LS CLARE-PLA110LS Datasheet
146Kb / 6P
Single Pole OptoMOS Relays
logo
IXYS Corporation
PLA110LS IXYS-PLA110LS Datasheet
124Kb / 7P
Single Pole, Normally Open OptoMOS Relay
logo
Clare, Inc.
PLA110LSTR CLARE-PLA110LSTR Datasheet
146Kb / 6P
Single Pole OptoMOS Relays
More results


Similar Description - PLA110L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVT412 IRF-PVT412 Datasheet
174Kb / 5P
Microelectronic Power IC Relay Single Pole, Normally Open, 0-400V, 140mA AC/DC
PVU414 IRF-PVU414 Datasheet
205Kb / 4P
Microelectronic Power IC Relay Single Pole, Normally Open 0-400V, 140mA AC/DC
logo
Micrel Semiconductor
MIC5301 MICREL-MIC5301 Datasheet
406Kb / 11P
Single, 150mA 關Cap ULDO?
MIC5365 MICREL-MIC5365 Datasheet
421Kb / 15P
High Performance Single 150mA LDO
MIC5301 MICREL-MIC5301_08 Datasheet
419Kb / 11P
Single, 150mA 關Cap ULDO
MIC5365_0909 MICREL-MIC5365_0909 Datasheet
336Kb / 15P
High Performance Single 150mA LDO
MIC5317 MICREL-MIC5317 Datasheet
1Mb / 17P
High-Performance Single 150mA LDO
logo
International Rectifier
PVA33NPBF IRF-PVA33NPBF Datasheet
1Mb / 6P
HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
logo
IXYS Corporation
CPC1025N IXYS-CPC1025N Datasheet
167Kb / 6P
400V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1225N IXYS-CPC1225N Datasheet
165Kb / 6P
400V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com