Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

4N38 Datasheet (PDF) - Everlight Electronics Co., Ltd

Part # 4N38
Description  6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
File Size   394.54 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

4N38 Datasheet (PDF) - Everlight Electronics Co., Ltd



Similar Part No. - 4N38

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
4N38 MOTOROLA-4N38 Datasheet
293Kb / 6P
STANDARD THRU HOLE CASE 730A-04
logo
Vishay Siliconix
4N38 VISHAY-4N38 Datasheet
157Kb / 9P
Optocoupler, Phototransistor Output, With Base Connection
27-Jan-05
logo
Toshiba Semiconductor
4N38 TOSHIBA-4N38 Datasheet
307Kb / 6P
PHOTO TRANSISTOR (AC LINE/DIGITAL LOGIC ISOLATOR)
29-Mar-1999
logo
Fairchild Semiconductor
4N38 FAIRCHILD-4N38 Datasheet
382Kb / 8P
HIGH VOLTAGE PHOTOTRANSISTOR OPTOCOUPLERS
logo
Infineon Technologies A...
4N38 INFINEON-4N38 Datasheet
408Kb / 6P
Industry Standard Single Channel 6 Pin DIP Optocoupler
March 27, 2000-00
More results


Similar Description - 4N38

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
4N2X EVERLIGHT-4N2X Datasheet
364Kb / 13P
6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
H11AAX EVERLIGHT-H11AAX Datasheet
408Kb / 12P
6 PIN DIP PHOTOTRANSISTOR AC INPUT PHOTOCOUPLER
CNY17-X EVERLIGHT-CNY17-X Datasheet
400Kb / 13P
6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
TIL11X EVERLIGHT-TIL11X Datasheet
419Kb / 13P
6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
logo
Sharp Corporation
PC715V0NSZXF SHARP-PC715V0NSZXF Datasheet
217Kb / 13P
DIP 6 pin Darlington Phototransistor Output Photocoupler
logo
Everlight Electronics C...
H11AA1S1 EVERLIGHT-H11AA1S1 Datasheet
1Mb / 12P
6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER AC INPUT PHOTOCOUPLER
H11AAX EVERLIGHT-H11AAX_15 Datasheet
828Kb / 12P
6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
CNY17-X EVERLIGHT-CNY17-X_13 Datasheet
1Mb / 13P
6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
May 23, 2013
TIL11X EVERLIGHT-TIL11X_13 Datasheet
1Mb / 13P
6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
May 23, 2013
4N2X EVERLIGHT-4N2X_13 Datasheet
1Mb / 13P
6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com