Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PA0142-S Datasheet (PDF) - Proto Advantage SMD Adapter

Part # PA0142-S
Description  LLP-32 Stencil (0.5 mm pitch, 5 x 5 mm body)
File Size   42.05 Kbytes
Html View  1 
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

PA0142-S Datasheet (PDF) - Proto Advantage SMD Adapter



Similar Part No. - PA0142-S

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
PA0142 PROTOADVANTAGE-PA0142 Datasheet
49Kb / 2P
LLP-32 to DIP-32 SMT Adapter (0.5 mm pitch, 5 x 5 mm body)
revision 1.0
More results


Similar Description - PA0142-S

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
07510056 SCHURTER-07510056 Datasheet
393Kb / 2P
Clip, 5 x 20 / 6.3 x 32 mm, UR
00318231 SCHURTER-00318231 Datasheet
415Kb / 2P
Fuseholder Open Design, 5 x 20 / 6.3 x 32 mm
00318241 SCHURTER-00318241 Datasheet
417Kb / 2P
Fuseholder Open Design, 5 x 20 / 6.3 x 32 mm
0031.1714 SCHURTER-0031.1714 Datasheet
511Kb / 3P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slot
0031.1801 SCHURTER-0031.1801 Datasheet
221Kb / 2P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Fingergrip
logo
List of Unclassifed Man...
HHT ETC1-HHT Datasheet
442Kb / 1P
5 mm x 15 mm and 5 mm x 20 mm in-line fuse holder
logo
Eaton All Rights Reserv...
HBH EATON-HBH Datasheet
396Kb / 2P
5 mm x 20 mm fuse holders
HHT EATON-HHT Datasheet
473Kb / 1P
5 mm x 15 mm and 5 mm x 20 mm in-line fuse holder
logo
Schurter Inc.
FEU-GRIP SCHURTER-FEU-GRIP Datasheet
269Kb / 3P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Fingergrip
0751.0056 SCHURTER-0751.0056_V01 Datasheet
230Kb / 2P
Clip, 5 x 20 / 6.3 x 32 mm, UR
15.09.2021
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com