Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BF0910A57560 Datasheet (PDF) - LOVATO Electric S.p.A.

Part # BF0910A57560
Description  THREE-POLE CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 9A, AC COIL 60HZ, 575VAC, 1NO AUXILIARY CONTACT
File Size   223.96 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  LOVATO [LOVATO Electric S.p.A.]
Direct Link  https://www.lovatoelectric.com/gl_en/
Logo LOVATO - LOVATO Electric S.p.A.

BF0910A57560 Datasheet (PDF) - LOVATO Electric S.p.A.



Similar Part No. - BF0910A57560

ManufacturerPart #DatasheetDescription
logo
LOVATO Electric S.p.A.
BF0910A024 LOVATO-BF0910A024 Datasheet
227Kb / 7P
THREE-POLE CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 9A, AC COIL 50/60HZ, 24VAC, 1NO AUXILIARY CONTACT
BF0910A02460 LOVATO-BF0910A02460 Datasheet
223Kb / 6P
THREE-POLE CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 9A, AC COIL 60HZ, 24VAC, 1NO AUXILIARY CONTACT
BF0910A048 LOVATO-BF0910A048 Datasheet
228Kb / 7P
THREE-POLE CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 9A, AC COIL 50/60HZ, 48VAC, 1NO AUXILIARY CONTACT
BF0910A110 LOVATO-BF0910A110 Datasheet
227Kb / 7P
THREE-POLE CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 9A, AC COIL 50/60HZ, 110VAC, 1NO AUXILIARY CONTACT
BF0910A12060 LOVATO-BF0910A12060 Datasheet
223Kb / 6P
THREE-POLE CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 9A, AC COIL 60HZ, 120VAC, 1NO AUXILIARY CONTACT
More results


Similar Description - BF0910A57560

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A-3100 MACOM-A-3100 Datasheet
106Kb / 3P
Definite Purpose Contactor 3-pole, 120 FLA AC Coil
logo
List of Unclassifed Man...
LXD1M7 ETC-LXD1M7 Datasheet
60Kb / 1P
CONTACTOR COIL 220/230V AC IEC
LADN10 ETC2-LADN10 Datasheet
88Kb / 1P
CONTACTOR AUXILIARY CONTACT BLOCK IEC
LAD8N11 ETC2-LAD8N11 Datasheet
90Kb / 1P
CONTACTOR AUXILIARY CONTACT BLOCK IEC
logo
SCHOTT CORPORATION
LC1D09F7 SCHOTT-LC1D09F7 Datasheet
60Kb / 1P
Contactor (TeSys D) Non-Reversing, 9A(AC3) 20A(AC1), 3-Pole (3 NO)
logo
List of Unclassifed Man...
YC1U-9A120 ETC2-YC1U-9A120 Datasheet
103Kb / 1P
Contactor IEC 9A 120VAC coil
logo
Schneider Electric
GVAD1001 SCHNEIDER-GVAD1001 Datasheet
114Kb / 3P
TeSys GV2 & GV3 - auxiliary contact - 1 NC 1NO (fault)
Aug 26, 2020
LADN203 SCHNEIDER-LADN203 Datasheet
121Kb / 3P
IEC contactor, TeSys D, auxiliary contact block, 2 NO, front mounting, spring terminals
Sep 7, 2021
8910DPA43V02 SCHNEIDER-8910DPA43V02_V01 Datasheet
151Kb / 3P
Contactor, Definite Purpose, 40A, 3 pole, 25 HP at 575VAC, 3 phase, 110/120VAC coil at 50/60Hz, open
Jun 30, 2022
LC2D25F7 SCHNEIDER-LC2D25F7 Datasheet
113Kb / 5P
REVERSING CONTACTOR 575VAC 25A IEC
Mar 08, 2017
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com