Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CA-UFLQ010 Datasheet (PDF) - Infinite Electronics International, Inc.

Part # CA-UFLQ010
Description  U.FL - 1.13 CABLE
File Size   69.94 Kbytes
Html View  1 
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CA-UFLQ010 Datasheet (PDF) - Infinite Electronics International, Inc.



Similar Part No. - CA-UFLQ010

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CA-UFLQC20 L-COM-CA-UFLQC20 Datasheet
69Kb / 1P
U.FL - 1.13 CABLE
7/9/12
More results


Similar Description - CA-UFLQ010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CAB718 ETC2-CAB718 Datasheet
250Kb / 5P
Taoglas Cable Assembly Hirose U.FL to SMA(F)Bulkhead Straight Connector with 200mm 1.13 cable
CAB719 ETC2-CAB719 Datasheet
255Kb / 5P
Taoglas Cable Assembly Hirose U.FL to SMA(F)Bulkhead Straight Connector with 100mm 1.13 cable
FXP400070100A ETC2-FXP400070100A Datasheet
1Mb / 18P
High Efficiency Ultra Wide-Band Antenna with 100mm 1.13 cable IPEX MHF(U.FL)
R-134G7210300CB ETC2-R-134G7210300CB Datasheet
170Kb / 1P
Cable Assembly U.FL - SMA, RP, 300mm
logo
Taoglas antenna solutio...
CAB718 TAOGLAS-CAB718 Datasheet
248Kb / 5P
Taoglas Cable Assembly Hirose U.FL to SMA(F)Bulkhead Straight Connector with 200mm 1.13 cable
CAB719 TAOGLAS-CAB719 Datasheet
254Kb / 5P
Taoglas Cable Assembly Hirose U.FL to SMA(F)Bulkhead Straight Connector with 100mm 1.13 cable
logo
Linx Technologies
CSI-UFFR-100-UFFR LINX-CSI-UFFR-100-UFFR Datasheet
71Kb / 1P
CABLE ASSEMBLY, U.FL TO U.FL 1.13mm CBL
26-JUL-17
logo
Molex Electronics Ltd.
SD-73406-017 MOLEX-SD-73406-017 Datasheet
131Kb / 1P
SMP JACK R/A FOR 1.13 CABLE 50 OHMS SMP-J/1.13
2022/08/30
734120250 MOLEX-734120250 Datasheet
63Kb / 1P
MICRO COAXIAL CONNECTOR WITH 1.13 CABLE CA-UFL
2003/11/11
897613412 MOLEX-897613412 Datasheet
148Kb / 1P
SMA JACK TO MCRF 1.13 CABLE CA-SMA/MCRF
2021/11/09
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com