Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

006.78.412 Datasheet (PDF) - ETTINGER GmbH.

Part # 006.78.412
Description  PCB Support 12.7 | M4 | ø3.2 Polyamide 6.6 natural
File Size   100.79 Kbytes
Html View  1 
Manufacturer  ETTINGER [ETTINGER GmbH.]
Direct Link  https://www.ettinger.de/
Logo ETTINGER - ETTINGER GmbH.

006.78.412 Datasheet (PDF) - ETTINGER GmbH.



Similar Part No. - 006.78.412

ManufacturerPart #DatasheetDescription
logo
ETTINGER GmbH.
006.78.411 ETTINGER-006.78.411 Datasheet
100Kb / 1P
PCB Support 11.1 | M4 | ø3.2 Polyamide 6.6 natural
006.78.415 ETTINGER-006.78.415 Datasheet
100Kb / 1P
PCB Support 15.9 | M4 | ø3.2 Polyamide 6.6 natural
More results


Similar Description - 006.78.412

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D01481 ETC2-D01481 Datasheet
142Kb / 1P
Polyamide 6.6 (PA66), designated ?쐚ytel??furnished as pellets
561-187TAB ETC2-561-187TAB Datasheet
202Kb / 2P
Mini Locking PCB Support
561-LAD187 ETC2-561-LAD187 Datasheet
89Kb / 2P
Locking PCB Support Adhesive Base
561-LCSP125 ETC2-561-LCSP125 Datasheet
83Kb / 2P
PCB Support
561-LMSP125 ETC2-561-LMSP125 Datasheet
84Kb / 2P
PCB Support
561-LMTP250 ETC2-561-LMTP250 Datasheet
75Kb / 2P
Male PCB Support Posts
561-LSP187 ETC2-561-LSP187 Datasheet
139Kb / 2P
PCB Support - LSP Series
561-EZS200 ETC2-561-EZS200 Datasheet
195Kb / 2P
EZ Twist Lock Support PCB
logo
Transko Electronics, In...
TCRO TRANSKO-TCRO Datasheet
536Kb / 4P
SMD VOLTAGE CONTROLLED OSCILLATOR (12.7 X 12.7 X 6.0MM)
Rev. 1: Oct. 2015
THI TRANSKO-THI Datasheet
441Kb / 2P
TCXO HALF SIZE HERMETIC SEALED (12.7 x 12.7 x 5.1mm)
Ver. 2: Sep. 2013
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com