Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AWSZT-MGD Datasheet (PDF) - Abracon Corporation

Part # AWSZT-MGD
Description  7.4 x 3.4 x 1.8 mm SMD CERAMIC RESONATOR
File Size   658.58 Kbytes
Html View  1   2 
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AWSZT-MGD Datasheet (PDF) - Abracon Corporation



Similar Part No. - AWSZT-MGD

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AWSZT-MC ABRACON-AWSZT-MC Datasheet
182Kb / 2P
INDUSTRIAL GRADE CERAMIC RESONATOR
07.26.07
AWSZT-MR ABRACON-AWSZT-MR Datasheet
163Kb / 2P
INDUSTRIAL GRADE CERAMIC RESONATOR
07.26.07
AWSZT-MS ABRACON-AWSZT-MS Datasheet
421Kb / 2P
INDUSTRIAL GRADE CERAMIC RESONATOR
07.16.07
AWSZT-MV ABRACON-AWSZT-MV Datasheet
414Kb / 2P
INDUSTRIAL GRADE CERAMIC RESONATOR
07.16.07
AWSZT-MW ABRACON-AWSZT-MW Datasheet
174Kb / 2P
INDUSTRIAL GRADE CERAMIC RESONATOR
07.26.07
More results


Similar Description - AWSZT-MGD

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
ZTTS ILSI-ZTTS Datasheet
54Kb / 2P
2 Pad and 3 Pad Ceramic Package, 3.4 mm x 7.4 mm and 4.1 mm x 4.7 mm
logo
Abracon Corporation
AWSZT-6.00MGD-T ABRACON-AWSZT-6.00MGD-T Datasheet
1,009Kb / 3P
7.4 x 3.4 x 1.8 mm SMD CERAMIC RESONATOR
07.29.11-F
logo
ILSI America LLC
ZTTS-MG ILSI-ZTTS-MG Datasheet
56Kb / 2P
2 Pad and 3 Pad Ceramic Package, 3.4 mm x 7.4 mm and 4.1 mm x 4.7 mm
logo
Abracon Corporation
AWSCR-MGD ABRACON-AWSCR-MGD Datasheet
1Mb / 3P
7.4 x 3.4 x 1.8mm BUILT-IN CAPACITANCE CE RAMIC RESONATOR
12.16.2016
AWSCR-3.58MGD-T4 ABRACON-AWSCR-3.58MGD-T4 Datasheet
1Mb / 3P
7.4 x 3.4 x 1.8mm BUILT-IN CAPACITANCE CE RAMIC RESONATOR
12.16.2016
AWSCR-4.00MGD-T ABRACON-AWSCR-4.00MGD-T Datasheet
1Mb / 3P
7.4 x 3.4 x 1.8mm BUILT-IN CAPACITANCE CE RAMIC RESONATOR
12.16.2016
AWSCR-6.00MGD-T ABRACON-AWSCR-6.00MGD-T Datasheet
1Mb / 3P
7.4 x 3.4 x 1.8mm BUILT-IN CAPACITANCE CE RAMIC RESONATOR
12.16.2016
AWSCR-8.00MGD-T ABRACON-AWSCR-8.00MGD-T Datasheet
1Mb / 3P
7.4 x 3.4 x 1.8mm BUILT-IN CAPACITANCE CE RAMIC RESONATOR
12.16.2016
AWSZT-3.58MGD-T ABRACON-AWSZT-3.58MGD-T Datasheet
1Mb / 3P
7.4 x 3.4 x 1.8 mm SMD CERAMIC RESONATOR
12.16.2016
logo
Transko Electronics, In...
6ZTTCC_ZTACC TRANSKO-6ZTTCC_ZTACC Datasheet
335Kb / 2P
CERAMIC RESONATORS (7.4 X 3.4 X 1.8mm)
Rev. 3: 03-11-19
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com