Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M3T-DUMMY100S Datasheet (PDF) - Renesas Technology Corp

Part # M3T-DUMMY100S
Description  Dummy IC for 100-pin 0.65mm-pitch QFP (100P6S-A, 100P6S-E)
File Size   153.11 Kbytes
Html View  1 
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3T-DUMMY100S Datasheet (PDF) - Renesas Technology Corp



Similar Part No. - M3T-DUMMY100S

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M3T-DUMMY64 RENESAS-M3T-DUMMY64 Datasheet
125Kb / 1P
Dummy IC for 64-pin 0.8mm-pitch QFP (64P6N-A)
M3T-DUMMY80 RENESAS-M3T-DUMMY80 Datasheet
168Kb / 1P
Dummy IC for 80-pin 0.8mm-pitch QFP (80P6N-A)
More results


Similar Description - M3T-DUMMY100S

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PCA4687A RENESAS-PCA4687A Datasheet
237Kb / 1P
Converter for Connecting 100-pin 0.65mm-pitch QFP to 100-pin 0.65mm-pitch LCC
M3T-100LCC-80QSB RENESAS-M3T-100LCC-80QSB Datasheet
307Kb / 1P
Converter from 100-pin 0.65mm-pitch LCC to 80-pin 0.65mm-pitch QFP(for M16C/60 Series)
M3T-DIRECT80S RENESAS-M3T-DIRECT80S Datasheet
106Kb / 1P
Direct Dummy IC for 80-pin 0.65mm-pitch SSOP
M3T-DIRECT100S RENESAS-M3T-DIRECT100S Datasheet
108Kb / 1P
Direct Dummy IC for 100-pin 0.65mm-pitch QFP
M3T-DUMMY64 RENESAS-M3T-DUMMY64 Datasheet
125Kb / 1P
Dummy IC for 64-pin 0.8mm-pitch QFP (64P6N-A)
M3T-DUMMY80 RENESAS-M3T-DUMMY80 Datasheet
168Kb / 1P
Dummy IC for 80-pin 0.8mm-pitch QFP (80P6N-A)
M3T-FLX-80QSB RENESAS-M3T-FLX-80QSB Datasheet
259Kb / 1P
Converter for Connecting 100-core Flexible Board FLX100 to 80-pin 0.65mm-pitch QFP
M3T-FLX-100NRB RENESAS-M3T-FLX-100NRB Datasheet
112Kb / 1P
Converter for Connecting 100-core Flexible Board FLX100 to 100-pin 0.65mm-pitch QFP
SEAL100FP RENESAS-SEAL100FP Datasheet
1Mb / 4P
Sealed Conversion Board for Converting from 100-pin 0.65mm-pitch QFP (100P6S-A) or LCC (100D0) to 100-pin Standard Pitch
PCA4979 RENESAS-PCA4979 Datasheet
2Mb / 16P
Converter from 80-pin 0.65mm-pitch QFP
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com