Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XOPL72 Datasheet (PDF) - EUROQUARTZ limited

Part # XOPL72
Description  7 x 5mm Programmable LVPECL Oscillator
File Size   282.36 Kbytes
Html View  1 
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

XOPL72 Datasheet (PDF) - EUROQUARTZ limited



Similar Part No. - XOPL72

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
XOPL71 EUROQUARTZ-XOPL71 Datasheet
284Kb / 1P
11.4 x 9.6mm Programmable LVPECL Oscillator
More results


Similar Description - XOPL72

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FVXO-PC72 FOX-FVXO-PC72 Datasheet
340Kb / 15P
LVPECL 7 x 5mm 2.5V VCXO
FVXO_PC73 FOX-FVXO_PC73 Datasheet
334Kb / 15P
LVPECL 7 x 5mm 3.3V VCXO
FXO-HC72 FOX-FXO-HC72 Datasheet
341Kb / 14P
HCMOS 7 x 5mm 2.5V Oscillator
FXO-LC72 FOX-FXO-LC72 Datasheet
332Kb / 15P
LVDS 7 x 5mm 2.5V Oscillator
FXO-LC73 FOX-FXO-LC73 Datasheet
330Kb / 15P
LVDS 7 x 5mm 3.3V Oscillator
FXO-PC72 FOX-FXO-PC72 Datasheet
348Kb / 15P
LVPECL 7 x 5mm 2.5V Oscillator
FXO-PC73 FOX-FXO-PC73 Datasheet
331Kb / 15P
LVPECL 7 x 5mm 3.3V Oscillator
logo
EUROQUARTZ limited
XOPL71 EUROQUARTZ-XOPL71 Datasheet
284Kb / 1P
11.4 x 9.6mm Programmable LVPECL Oscillator
logo
List of Unclassifed Man...
FXO-LC725R ETC2-FXO-LC725R Datasheet
338Kb / 15P
LVDS 7 x 5mm 2.5V Oscillator
logo
Fox Electronics
FXO-HC735-132 FOX-FXO-HC735-132 Datasheet
530Kb / 14P
HCMOS 7 x 5mm 3.3V Oscillator
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com