Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

38D-2-12-PL Datasheet (PDF) - OEN India Limited

Part # 38D-2-12-PL
Description  ICE CUBE STYLE INDUSTRIAL RELAY
File Size   91.5 Kbytes
Html View  1 
Manufacturer  OENINDIA [OEN India Limited]
Direct Link  http://www.oenindia.com
Logo OENINDIA - OEN India Limited

38D-2-12-PL Datasheet (PDF) - OEN India Limited



Similar Part No. - 38D-2-12-PL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
38D2 RENESAS-38D2 Datasheet
2Mb / 136P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
M-System Co.,Ltd.
38D2 MSYSTEM-38D2 Datasheet
147Kb / 9P
I/O RELAY CARD
38D2-B1-K/W MSYSTEM-38D2-B1-K/W Datasheet
147Kb / 9P
I/O RELAY CARD
38D2-B1-R/W MSYSTEM-38D2-B1-R/W Datasheet
147Kb / 9P
I/O RELAY CARD
38D2-B2-K/W MSYSTEM-38D2-B2-K/W Datasheet
147Kb / 9P
I/O RELAY CARD
More results


Similar Description - 38D-2-12-PL

ManufacturerPart #DatasheetDescription
logo
OEN India Limited
37D-2-12-SLDT OENINDIA-37D-2-12-SLDT Datasheet
117Kb / 2P
ICE CUBE STYLE INDUSTRIAL RELAY
37A-4-12-SL OENINDIA-37A-4-12-SL Datasheet
93Kb / 1P
ICE CUBE STYLE INDUSTRIAL RELAY
logo
Texas Instruments
TMDXICE3359 TI1-TMDXICE3359 Datasheet
158Kb / 3P
AM3359 Industrial Communications Engine (ICE) Status: ACTIVE
logo
List of Unclassifed Man...
833H-1C-C-12VDC ETC2-833H-1C-C-12VDC Datasheet
87Kb / 3P
Miniature PCB baby sugar cube relay General purpose application
782XBXM4L-12D ETC2-782XBXM4L-12D Datasheet
303Kb / 5P
700 SERIES ICE CUBE POWER RELAYS
logo
Vishay Siliconix
NTCASRFE3C90406 VISHAY-NTCASRFE3C90406 Datasheet
89Kb / 3P
NTC Thermistors, Ice Cube Sensors
09-May-11
NTCASRFE3C90406 VISHAY-NTCASRFE3C90406_17 Datasheet
92Kb / 3P
NTC Thermistors, Ice Cube Sensors
24-Mar-17
logo
Schneider Electric
781XAXRM4L-24D SCHNEIDER-781XAXRM4L-24D Datasheet
167Kb / 3P
ICE CUBE RELAYS
10/29/2019
logo
Littelfuse
05903 LITTELFUSE-05903 Datasheet
158Kb / 3P
24V 100A HIGH-CURRENT CUBE-STYLE DC COIL RELAY
2022 Littelfuse, Inc.
logo
Vishay Siliconix
NTCASRFE3C90406 VISHAY-NTCASRFE3C90406_V01 Datasheet
89Kb / 3P
NTC Thermistors, Ice Cube Sensors
24-Mar-17
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com