| Manufacturer | Part # | Datasheet | Description |
 Micrel Semiconductor |
SY54011R
|
481Kb / 10P |
Low Voltage 1.2V/1.8V CML 1:2 Fanout Buffer, 3.2Gbps, 3.2GHz
|
 ON Semiconductor |
NB6HQ14M
|
1Mb / 11P |
2.5V 5GHz / 6.5Gbps Differential Input to 1.8V / 2.5V 1:4 CML Clock / Data Fanout Buffer
June, 2009 ??Rev. 0 |
|
NB6LQ572M
|
823Kb / 10P |
2.5V / 3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 CML Clock/Data Fanout / Translator
November, 2009 ??Rev. 0 |
|
NB7HQ14M
|
1Mb / 10P |
2.5V 7GHz / 10Gbps Differential Input to 1.8V / 2.5V 1:4 CML Clock / Data Fanout Buffer
May, 2009 ??Rev. 0 |
|
NB6L572M
|
161Kb / 9P |
2.5V / 3.3V Differential 4:1 Mux to 1:2 CML Clock/Data Fanout / Translator
November, 2009 ??Rev. 1 |
|
NB7L585
|
159Kb / 9P |
2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer / Translator
December, 2009 ??Rev. 1 |
|
NB7V585M
|
156Kb / 8P |
1.8V / 2.5V Differential 2:1 Mux Input to 1:6 CML Clock/Data Fanout Buffer/Translator
February, 2009 ??Rev. 1 |
 Micrel Semiconductor |
SY54011R
|
517Kb / 10P |
Low Voltage 1.2V/1.8V CML 1:2 Fanout Buffer, 3.2Gbps, 3.2GHz
|
 ON Semiconductor |
NB7VQ572M
|
176Kb / 11P |
1.8V / 2.5V /3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 CML Clock/Data Fanout / Translator
October, 2010 ??Rev. P0 |
|
NB7L585
|
94Kb / 9P |
2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer Translator
July, 2014 ??Rev. 2 |