Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TB0809A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0809A
Description  IF SAW Filter 33.9 & 38.9 MHz for Audio Applications
File Size   358.25 Kbytes
Html View  1   2   3   4   5 
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0809A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TB0809A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0800A TAI-SAW-TB0800A Datasheet
527Kb / 8P
IF SAW Filter 140 MHz SMD 13.3mmX6.5mm
logo
Golledge Electronics Lt...
TB0800A GOLLEDGE-TB0800A Datasheet
266Kb / 7P
SAW Filter 140.0MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TB0801A TAI-SAW-TB0801A Datasheet
380Kb / 7P
IF SAW Filter 420 MHz SMD 5.0mmX5.0mm
TB0803A TAI-SAW-TB0803A Datasheet
244Kb / 6P
SAW Filter 83.17MHz
TB0804A TAI-SAW-TB0804A Datasheet
376Kb / 7P
IF SAW Filter 829.5MHz(BW=14.5MHz) SMD 13.3X6.5mm
More results


Similar Description - TB0809A

ManufacturerPart #DatasheetDescription
logo
EPCOS
K9362M EPCOS-K9362M Datasheet
69Kb / 5P
IF Filter for Audio Applications
G9353M EPCOS-G9353M Datasheet
69Kb / 5P
IF Filter for Audio Applications 38,90 MHz
K9353M EPCOS-K9353M Datasheet
63Kb / 5P
IF Filter for Audio Applications 38,90 MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TB0612A TAI-SAW-TB0612A Datasheet
321Kb / 4P
IF SAW Filter 38.9 MHz
TB0807A TAI-SAW-TB0807A Datasheet
358Kb / 4P
IF SAW Filter 33.9 & 38.9 MHz for Video Applications
TB0808A TAI-SAW-TB0808A Datasheet
350Kb / 5P
IF SAW Filter 33.9 & 38.9 MHz for Video Applications
TB0834A TAI-SAW-TB0834A Datasheet
379Kb / 5P
IF SAW Filter 33.9 & 38.9 MHz for Video Applications
logo
Oscilent Corporation
835-IF38.9M-E OSCILENT-835-IF38.9M-E_14 Datasheet
119Kb / 4P
38.9 MHz IF SAW Filter
logo
Transko Electronics, In...
TA36EF TRANSKO-TA36EF Datasheet
425Kb / 3P
38.9 MHz IF SAW Filter
Revision 1: 29. Oct. 2007
TA36FF TRANSKO-TA36FF Datasheet
356Kb / 3P
38.9 MHz IF SAW Filter
Revision 5: 29. Oct. 2007
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com