Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TX0129A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

Part # TX0129A
Description  SMD 5.0x3.2 19.68MHz VCTCXO
File Size   239.53 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TX0129A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TX0129A

ManufacturerPart #DatasheetDescription
logo
Chauvin Arnoux Metrix
TX01 CHAUVINARNOUX-TX01 Datasheet
9Mb / 126P
Multimeters, clamps, testers and laboratory instruments
logo
TAI-SAW TECHNOLOGY CO.,...
TX0104A TAI-SAW-TX0104A Datasheet
196Kb / 5P
SMD 5x3.2 13MHz VCTCXO
TX0108A TAI-SAW-TX0108A Datasheet
340Kb / 7P
SMD 5.0x3.2 19.2MHz VCTCXO
TX0108B TAI-SAW-TX0108B Datasheet
429Kb / 8P
VCTCXO SMD 5.0x3.2 19.2MHz
REV. NO.: 2.0
TX0130A TAI-SAW-TX0130A Datasheet
265Kb / 6P
SMD 3.2x2.5 13.0MHz VCTCXO
More results


Similar Description - TX0129A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TX0108A TAI-SAW-TX0108A Datasheet
340Kb / 7P
SMD 5.0x3.2 19.2MHz VCTCXO
TX0159A TAI-SAW-TX0159A Datasheet
219Kb / 6P
SMD 5.0x3.2 19.44MHz VCTCXO
TX0192A TAI-SAW-TX0192A Datasheet
342Kb / 7P
5.0x3.2 19.2MHz VCTCXO
TX0216A TAI-SAW-TX0216A Datasheet
231Kb / 7P
SMD 5.0x3.2 20MHz VCTCXO
REV. NO.: 5.0
TX0406A TAI-SAW-TX0406A Datasheet
338Kb / 6P
SMD 5.0x3.2 14.7456MHz VCTCXO
REV. NO.: 2.0
TX0411A TAI-SAW-TX0411A Datasheet
338Kb / 7P
SMD 5.0x3.2 19.68MHz TCXO
REV. NO.: 1.0
TX0456A TAI-SAW-TX0456A Datasheet
192Kb / 7P
SMD 5.0x3.2 10MHz VCTCXO
REV. NO.: 1.0
TX0499A TAI-SAW-TX0499A Datasheet
250Kb / 7P
SMD 5.0x3.2 12.8MHz VCTCXO
REV. NO.: 1.0
TX0579A TAI-SAW-TX0579A Datasheet
178Kb / 7P
SMD 5.0x3.2 10MHz VCTCXO
REV. NO.:2.0
TZ0415A TAI-SAW-TZ0415A Datasheet
217Kb / 5P
SMD 5.0x3.2 19.68MHz Crystal Unit
REV. NO.: 1
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com