Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JV1aFS-24V Datasheet (PDF) - Nais(Matsushita Electric Works)

Part # JV1aFS-24V
Description  FLAT TYPE POWER RELAY
File Size   63.74 Kbytes
Html View  1   2   3   4 
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

JV1aFS-24V Datasheet (PDF) - Nais(Matsushita Electric Works)



Similar Part No. - JV1aFS-24V

ManufacturerPart #DatasheetDescription
logo
VITALCONN ELECTRONICS H...
JV112A11NPA0 VITALCONN-JV112A11NPA0 Datasheet
493Kb / 1P
RJ45 1*1 Vertical Type W/LED
REV: A
logo
DB Lectro Inc
JV1206ML030A DBLECTRO-JV1206ML030A Datasheet
221Kb / 7P
VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
JV1206ML030L DBLECTRO-JV1206ML030L Datasheet
221Kb / 7P
VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
JV1206ML050A DBLECTRO-JV1206ML050A Datasheet
221Kb / 7P
VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
JV1206ML050L DBLECTRO-JV1206ML050L Datasheet
221Kb / 7P
VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
More results


Similar Description - JV1aFS-24V

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM30MD1-12H MITSUBISHI-CM30MD1-12H Datasheet
129Kb / 5P
MEDIUM POWER SWITCHING USE FLAT-BASE TYPE, INSULATED TYPE
logo
Nais(Matsushita Electri...
JK1APF-12V NAIS-JK1APF-12V Datasheet
54Kb / 3P
SLIM TYPE POWER RELAY
logo
Mitsubishi Electric Sem...
PM50RLB120 MITSUBISHI-PM50RLB120 Datasheet
102Kb / 6P
FLAT-BASE TYPE INTELLIGENT POWER MODULES
logo
fujitsu semiconductor
FTR-K3 FUJITSU-FTR-K3 Datasheet
71Kb / 4P
POWER RELAY 20A type Relay
logo
Adam Technologies, Inc.
RPL1CP ADAM-TECH-RPL1CP Datasheet
180Kb / 3P
RELAY POWER RELAY LARGE SIZE-TYPE RPL
RPM1CP ADAM-TECH-RPM1CP Datasheet
173Kb / 2P
RELAY POWER RELAY-TYPE RPM
RPS12 ADAM-TECH-RPS12 Datasheet
157Kb / 2P
RELAY MINIATURE POWER RELAY-TYPE RPS
logo
fujitsu semiconductor
FTR-F3 FUJITSU-FTR-F3_1 Datasheet
637Kb / 7P
POWER RELAY 1 POLE 3A SLIM TYPE RELAY
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
POWER RELAY 1 POLE 5A SLIM TYPE RELAY
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com