| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NTD5865N
|
113Kb / 7P |
N-Channel Power MOSFET 60 V, 38 A, 18 m
May, 2010 ??Rev. 0 |
|
NVTFS5826NL
|
117Kb / 6P |
60 V, 24 m, 20 A, Single N?묬hannel Power MOSFET
January, 2011 ??Rev. 0 |
|
NTD5862NT4G
|
125Kb / 8P |
N-Channel Power MOSFET 60 V, 98 A, 5.7 m
July, 2012 ??Rev. 2 |
|
NVD5867NL
|
123Kb / 6P |
60 V, 22 A, 39 m Single N-Channel
December, 2010 ??Rev. 0 |
 Fairchild Semiconductor |
FQP20N06TSTU
|
721Kb / 8P |
N-Channel QFET MOSFET 60 V, 20 A, 60 m
|
 ON Semiconductor |
NTMFD5877NL
|
224Kb / 8P |
MOSFET ??Power, Dual, N-Channel, Logic Level, Dual SO8FL 60 V, 39 m, 17 A
May, 2019 ??Rev. 0 |
|
NVLJWS022N06CL
|
160Kb / 7P |
MOSFET - Power, Single N-Channel 60 V, 21 m, 25 A
April, 2022 ??Rev. 1 |
|
NVMFD040N10MCL
|
218Kb / 7P |
MOSFET ??Power, Dual N-Channel 100 V, 39 m, 21 A
December, 2021?뭃ev.0 |
|
PCFA86561F
|
224Kb / 7P |
MOSFET ??Power, N-Channel 60 V, 0.95 m
July, 2021 ??Rev. 1 |
|
NTB60N06
|
216Kb / 10P |
MOSFET – Power, N-Channel, D2PAK 60 V, 60 A
May, 2019 - Rev. 0 |