Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

0887683530 Datasheet (PDF) - Molex Electronics Ltd.

Part # 0887683530
Description  HDMI*-to-DVI-Digital Cable Assembly, 28 AWG, 5.0m (16.40) Length
File Size   838.18 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0887683530 Datasheet (PDF) - Molex Electronics Ltd.



Similar Part No. - 0887683530

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0887683500 MOLEX10-0887683500 Datasheet
415Kb / 8P
HDMI*-to-DVI-Digital Cable Assembly, 28 AWG, 1.0m (3.28) Length
0887683510 MOLEX10-0887683510 Datasheet
414Kb / 7P
HDMI*-to-DVI-Digital Cable Assembly, 28 AWG, 2.0m (6.56) Length
0887683520 MOLEX10-0887683520 Datasheet
414Kb / 7P
HDMI*-to-DVI-Digital Cable Assembly, 28 AWG, 3.0m (9.84) Length
More results


Similar Description - 0887683530

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0887683520 MOLEX10-0887683520 Datasheet
414Kb / 7P
HDMI*-to-DVI-Digital Cable Assembly, 28 AWG, 3.0m (9.84) Length
0887683600 MOLEX10-0887683600 Datasheet
278Kb / 6P
HDMI*-to-DVI-Digital Cable Assembly, 30 AWG, 1.0m (3.28) Length
0887689830 MOLEX10-0887689830 Datasheet
178Kb / 3P
HDMI*-to-HDMI* Cable Assembly, 28 AWG, 5.0m (16.40) Length
0887683510 MOLEX10-0887683510 Datasheet
414Kb / 7P
HDMI*-to-DVI-Digital Cable Assembly, 28 AWG, 2.0m (6.56) Length
0887683500 MOLEX10-0887683500 Datasheet
415Kb / 8P
HDMI*-to-DVI-Digital Cable Assembly, 28 AWG, 1.0m (3.28) Length
0887689800 MOLEX1-0887689800_18 Datasheet
34Kb / 1P
HDMI-to-HDMI Cable Assembly, 28 AWG, 1.0m Length
0887689810 MOLEX1-0887689810_18 Datasheet
34Kb / 1P
HDMI-to-HDMI Cable Assembly, 28 AWG, 2.0m Length
0887689820 MOLEX1-0887689820_18 Datasheet
34Kb / 1P
HDMI-to-HDMI Cable Assembly, 28 AWG, 3.0m Length
0887689830 MOLEX1-0887689830_18 Datasheet
34Kb / 1P
HDMI-to-HDMI Cable Assembly, 28 AWG, 5.0m Length
0887689800 MOLEX10-0887689800_V01 Datasheet
34Kb / 1P
HDMI-to-HDMI Cable Assembly, 28 AWG, 1.0m Length
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com